Electronic Components Datasheet Search
  English  ▼

X  

EU1010 Datasheet(PDF) 18 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 18 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 13Page - Eorex Corporation EU1010 Datasheet HTML 14Page - Eorex Corporation EU1010 Datasheet HTML 15Page - Eorex Corporation EU1010 Datasheet HTML 16Page - Eorex Corporation EU1010 Datasheet HTML 17Page - Eorex Corporation EU1010 Datasheet HTML 18Page - Eorex Corporation EU1010 Datasheet HTML 19Page - Eorex Corporation EU1010 Datasheet HTML 20Page - Eorex Corporation EU1010 Datasheet HTML 21Page - Eorex Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
(ADEN) = 1 to enable A/D converter circuit, and then select input pin from ADCC.4~3
(ADS1/ADS0). The converter clock comes from FADC. After system completed an A/D converting
cycle, ADC interrupt takes into action (if ADINT=1). User can read the converting data from
ADRH and ADRL registers. [ADRH + ADRL] are totally 10 bits in 2 bytes control registers. These
2 bytes of register will keep the last A/D convert data. When A/D conversion are all completed,
user should turn off A/D converter by setting ADCC.7 (ADEN) =0.
ADSP2~0 control register: A/D Converter sampling rate setting
Address
0BH
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
ADRL
Ad1
Ad0
#
#
#
ADSP2
ADSP1
ADSP0
Read or Write
R
R
#
#
#
W
W
W
Default Value
#
#
#
#
#
#
#
#
ADC sampling rate
ADSP2 ADSP1 ADSP0
8 Hz
0
0
0
16 Hz
0
0
1
32 Hz
0
1
0
64 Hz
0
1
1
128 Hz
1
0
0
256 Hz
1
0
1
512 Hz
1
1
0
1024 Hz
1
1
1
Address
0CH
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
ADRH
Ad9
Ad8
Ad7
Ad6
Ad5
Ad4
Ad3
Ad2
Read or Write
R
R
R
R
R
R
R
R
Default Value
#
#
#
#
#
#
#
#
18/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com