Electronic Components Datasheet Search
  English  ▼

X  

EU1010 Datasheet(PDF) 12 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 12 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 8Page - Eorex Corporation EU1010 Datasheet HTML 9Page - Eorex Corporation EU1010 Datasheet HTML 10Page - Eorex Corporation EU1010 Datasheet HTML 11Page - Eorex Corporation EU1010 Datasheet HTML 12Page - Eorex Corporation EU1010 Datasheet HTML 13Page - Eorex Corporation EU1010 Datasheet HTML 14Page - Eorex Corporation EU1010 Datasheet HTML 15Page - Eorex Corporation EU1010 Datasheet HTML 16Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
underflow. It means that timer1 data will be loaded from T1BF0(06H) and T1BF1(07H) buffer after T1EN
bit is set as “1” or timer1 underflow.
Address
08H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
T1C
T1EN
T1F
T1CK
PWM
#
`Timer1 pre-scaler
Read or Write
W
R/W
R/W
W
#
W
W
W
Default Value
0
#
#
0
#
#
#
#
Note:
*T1EN : timer1 enable flag
T1EN = 1, enable timer1 start to down count;
T1EN = 0, stop timer1 down count. (when T1EN=0 and write data into T1BF0(06H) and
T1BF1(07H) , the data will be directly passed to timer1 counter.)
*T1F : timer1 underflow flag
T1F = 1, timer1 underflow;
T1F = 0, timer1 not underflow.
Bit2~bit0 are timer1 clock source selection bits. It must follow the setting as below.
bit2
bit1
bit0
Timer1 pre-scaler (FCLK1= )
0
0
0
FOSC/1
0
0
1
FOSC/2
0
1
0
FOSC/4
0
1
1
FOSC/8
1
#
#
FOSC/16
PWM Mode
12/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com