Electronic Components Datasheet Search
  English  ▼

X  

EU1010 Datasheet(PDF) 14 Page - Eorex Corporation

Part # EU1010
Description  8-bit MCU with 10-bit A/D Converter
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EOREX [Eorex Corporation]
Direct Link  http://www.eorex.com
Logo EOREX - Eorex Corporation

EU1010 Datasheet(HTML) 14 Page - Eorex Corporation

Back Button EU1010 Datasheet HTML 10Page - Eorex Corporation EU1010 Datasheet HTML 11Page - Eorex Corporation EU1010 Datasheet HTML 12Page - Eorex Corporation EU1010 Datasheet HTML 13Page - Eorex Corporation EU1010 Datasheet HTML 14Page - Eorex Corporation EU1010 Datasheet HTML 15Page - Eorex Corporation EU1010 Datasheet HTML 16Page - Eorex Corporation EU1010 Datasheet HTML 17Page - Eorex Corporation EU1010 Datasheet HTML 18Page - Eorex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
eorex
EU1010
Feb.2009
www.eorex.com
Address
12H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
PACN
#
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Default Value
#
0
0
0
0
0
0
0
Note:
*PACN.n = 1, set as CMOS output;
PACN.n = 0, set as NMOS output.
That n = 0, 1, 4 and 5.
PAPH register: enable/disable PA ports internal pull high when PA port is set as input mode.
Address
13H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
PAPH
#
1/0
1/0
1/0
1/0
1/0
1/0
1/0
Default Value
#
0
0
0
0
0
0
0
Note:
*PAPH.n = 1, internal pull high resister enable;
PAPH.n = 0, internal pull high resister disable, where n = 0, 1, 4 and 5.
PB ports
PB ports (PB0, PB1, PB2 and PB4) are 4bit I/O ports. User can either output data by writing data into
PB(14H) ports. Or read data at input mode by reading PB(14H) ports.
Address
14H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
PB
#
#
#
1/0
#
1/0
1/0
1/0
Default Value
#
#
#
#
#
#
#
#
PBR register
Address
15H
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
Name
PBR
#
#
#
1/0
#
1/0
1/0
1/0
Default Value
#
#
#
0
#
0
0
0
Note:
*PBR.n = 1, enable Port B Interrupt and HALT or STOP mode released by input falling edge signal;
14/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com