| Electronic Components Datasheet Search |
|
86100C Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard) |
|
|
|||||||||||||||||||||||||||||
86100C Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard) |
|
4 / 32 page ![]() 4 Eye diagram mask testing The 86100C provides efficient, high-throughput waveform compliance testing with a suite of standards based eye-diagram masks. The test process has been streamlined into a minimum number of keystrokes for testing at industry standard data rates. Standard formats Rate (Mb/s) 1X Gigabit Ethernet 1250 2X Gigabit Ethernet 2500 10 Gigabit Ethernet 9953.28 10 Gigabit Ethernet 10312.5 10 Gigabit Ethernet FEC 11095.7 10 Gigabit Ethernet LX4 3125 Fibre Channel 1062.5 2X Fibre Channel 2125 4X Fibre Channel 4250 8x Fibre Channel 8500 10X Fibre Channel 10518.75 10X Fibre Channel FEC 11317 16x Fibre channel 14025 Infiniband 2500 STM0/OC1 51.84 STM1/OC3 155.52 STM4/OC12 622.08 STM16/OC48 2488.3 STM16/OC48 FEC 2666 STM64/OC192 9953.28 STM64/OC192 FEC 10664.2 STM64/OC192 FEC 10709 STM64/OC192 Super FEC 12500 STM256/OC768 39813 STS1 EYE 51.84 STS3 EYE 155.52 Other eye-diagram masks are easily created through scaling those listed above. In addition, mask editing allows for new masks either by editing existing masks, or creating new masks from scratch. A new mask can also be created or modified on an external PC using a text editor such as Notepad, then can be transferred to the instrument’s hard drive using LAN or Flash drive. Perform these mask conformance tests with convenient user-definable measurement conditions, such as mask margins for guardband testing, number of waveforms tested, and stop/limit actions. Mask margin can be determined automatically to a user definable hit/error ratio. Transmitter waveform dispersion penalty (TWDP) tests can be performed directly in the 86100C. Exporting the waveform for external post processing is not required. (Option 201 and MATLAB® required. Dispersion penalty script for specific test standards must be loaded into the 86100C.) Eyeline Mode Eyeline Mode is available in the 86100C and provides insight into the effects of specific bit transitions within a data pattern. The unique view assists diagnosis of device or system failures due to specific transitions or sets of transitions within a pattern. When combined with mask limit tests, Eyeline Mode can quickly isolate the specific bit that caused a mask violation. Traditional triggering methods on an equivalent time sampling scope are quite effective at generating eye diagrams. However, these eye diagrams are made up of samples whose timing relationship to the data pattern is effectively random, so a given eye will be made up of samples from many different bits in the pattern taken with no specific timing order. The result is that amplitude versus time trajectories of specific bits in the pattern are not visible. Also, averaging of the eye diagram is not valid, as the randomly related samples will effectively average to the “middle” of the eye. Eyeline Mode uses PatternLock triggering (Option 001 required) to build up an eye diagram from samples taken sequentially through the data pattern. This maintains a specific timing relationship between samples and allows Eyeline Mode to draw the eye based on specific bit trajectories. Effects of specific bit transitions can be investigated, and averaging can be used with the eye diagram. PatternLock Triggering advances the capabilities of the sampling oscilloscope The Enhanced Trigger option (Option 001) on the 86100C provides a fundamental capability never available before in an equivalent time sampling oscilloscope. This new triggering mechanism enables the DCA-J to generate a trigger at the repetition of the input data pattern – a pattern trigger. Historically, this required the pattern source to provide this type of trigger to the scope. With the press of a button, PatternLock automatically detects the pattern length, data rate and clock rate making the complex triggering process transparent to the user. PatternLock enables the 86100C to behave more like a real-time oscilloscope in terms of user experience. Observation of specific bits within the data pattern is greatly simplified. Users that are familiar with real-time oscilloscopes, but perhaps less so with equivalent time sampling scopes will be able to ramp up quickly. PatternLock adds another new dimension to pattern triggering by enabling the mainframe software to take samples at specific locations in the data pattern with outstanding timebase accuracy. This capability is a building block for many of the new capabilities available in the 86100C described later. MATLAB® is a registered trademark of The MathWorks, Inc. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |