Electronic Components Datasheet Search
  English  ▼

X  

86100C Datasheet(PDF) 9 Page - Agilent(Hewlett-Packard)

Part # 86100C
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

86100C Datasheet(HTML) 9 Page - Agilent(Hewlett-Packard)

Back Button 86100C Datasheet HTML 5Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 6Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 7Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 8Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 9Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 10Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 11Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 12Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 13Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
9
Additional capabilities
Standard functions
Standard functions are available through pull down
menus and soft keys, and some functions are also
accessible through the front panel knobs.
Markers
Two vertical and two horizontal (user selectable)
TDR markers
Horizontal — seconds or meter
Vertical — Volts, Ohms or Percent Reflection
Propagation — Dielectric Constant or Velocity
Limit tests
Acquisition limits
Limit Test “Run Until” Conditions — Off, # of
Waveforms, # of Samples
Report Action on Completion — Save waveform to
memory, Save screen image
Measurement limit test
Specify Number of Failures to Stop Limit Test
When to Fail Selected Measurement — Inside Limits,
Outside Limits, Always Fail, Never Fail
Report Action on Failure - Save waveform to memory,
Save screen image, Save summary
Mask limit test
Specify Number of Failed Mask Test Samples
Report Action on Failure — Save waveform to memory,
Save screen image, Save summary
Configure measurements
Thresholds
10%, 50%, 90% or 20%, 50%, 80% or Custom
Eye Boundaries
Define boundaries for eye measurments
Define boundaries for alignment
Format Units for
Duty Cycle Distortion — Time or Percentage
Extinction/Contrast Ratio — Ratio, Decibel
or Percentage
Eye Height — Amplitude or Decibel (dB)
Eye Width — Time or Ratio
Average Power — Watts or Decibels (dBm)
Top Base Definition
Automatic or Custom
Δ Time Definition
First Edge Number, Edge Direction, Threshold
Second Edge Number, Edge Direction, Threshold
Jitter Mode
Units (time or unit interval, watts, volts, or unit
amplitude)
Signal type (data or clock)
Measure based on edges (all, rising only, falling only)
Graph layout ( single, split, quad)
Quick measure configuration
4 User Selectable Measurements for Each Mode,
Eye-mask, TDR etc.)
Default Settings
(Eye/Mask Mode)
Extinction Ratio, Jitter RMS, Average Power,
Crossing Percentage
Default Settings
(Oscilloscope Mode)
Rise Time, Fall Time, Period,
V amptd
Histograms
Configure
Histogram scale (1 to 8 divisions)
Histogram axis (vertical or horizontal)
Histogram window (adjustable Window via
marker knobs)
Math measurements
4 User-definable functions Operator — magnify,
invert, subtract, versus, min, max
Source — channel, function, memory, constant,
response (TDR)
Calibrate
All calibrations
Module (amplitude)
Horizontal (time base)
Extinction ratio
Probe
Optical channel
Front panel calibration output level
User selectable –2V to 2V
Utilities
Set time and date
Remote interface
Set GPIB interface
Touch screen configuration/calibration
Calibration
Disable/enable touch screen
Upgrade software
Upgrade mainframe
Upgrade module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com