Electronic Components Datasheet Search
  English  ▼

X  

86100C Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # 86100C
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

86100C Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button 86100C Datasheet HTML 17Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 18Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 19Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 20Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 21Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 22Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 23Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 24Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 25Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
21
1 86116C requires an 86100C mainframe and software revision 7.0 or above.
2 FWHM (Full Width Half Max) as measured from optical pulse with 700 fs FWHM, 5 MHz repetition rate and 10 mW peak power.
3 Smallest average optical power required for mask test. Values represent typical sensitivity of NRZ eye diagrams. Assumes mask test with compliance filter switched in.
4 Contact Agilent for broader wavelength specifications.
Module s
optical/e
Module specifications: single-mode optical/electrical
High bandwidth single-mode
optical/electrical modules
86106B
86116C1
OPTICAL CHANNEL SPECIFICATIONS
option 025
option 040
Optical channel unfiltered bandwidth
28 GHz
45 GHz
65 GHz
Wavelength range
1000 nm to 1600 nm
1300n m to 1620 nm4
Calibrated wavelengths
1310 nm/1550 nm
1310 nm/1550 nm
Optical sensitivity
–7 dBm
1310 nm
–9 dBm (17 Gb/s)
–8 dBm (25.8 Gb/s)
–7 dBm (27.7 Gb/s)
–3 dBm (39.8/43.0 Gb/s
1550 nm
–10 dBm (17 Gb/s)
–9 dBm (25.8 Gb/s)
–8 dBm (27.7 Gb/s)
–5 dBm (39.8/43.0 Gb/s)
Transition time (10% to 90%
18 ps
7.4 ps (FWHM)2
calculated from Tr = 0.48/BW optical)
RMS noise
Characteristic
13 μW (Filtered)
23 μW (Unfiltered)
1310 nm
13 μW (17 Gb/s)
17 μW (25.8 Gb/s)
20 μW (27.7 Gb/s)
60 μW (40 GHz)
54 μW (39.8/43.0 Gb/s)
75 μW (55 GHz)
105 μW (60 GHz)
187 μW (65 GHz)
1550 nm
10 μW (17 Gb/s)
12 μW (25.87 Gb/s)
14 μW (27.7 Gb/s)
40 μW (40 GHz)
36 μW (39.8/43.0 Gb/s)
50 μW (55 GHz)
70 μW (60 GHz)
125 μW (65 GHz)
Maximum
15 μW (Filtered)
30 μW (Unfiltered)
1310 nm
18 μW (17 Gb/s)
20 μW (25.8 Gb/s)
30 μW (27.7 Gb/s)
120 μW (40 GHz)
102 μW (39.8/43.0 Gb/s)
127 μW (55 GHz)
225 μW (60 GHz)
300 μW (65 GHz)
1550 nm
15 μW (17 Gb/s)
18 μW (25.8 Gb/s)
21 μW (27.7 Gb/s)
80 μW (40 GHz)
68 μW (39.8/43.0 Gb/s)
85 μW (55 GHz)
150 μW (60 GHz)
200 μW (65 GHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com