Electronic Components Datasheet Search
  English  ▼

X  

86100C Datasheet(PDF) 13 Page - Agilent(Hewlett-Packard)

Part # 86100C
Description  Wide-Bandwidth Oscilloscope Mainframe and Modules
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

86100C Datasheet(HTML) 13 Page - Agilent(Hewlett-Packard)

Back Button 86100C Datasheet HTML 9Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 10Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 11Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 12Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 13Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 14Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 15Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 16Page - Agilent(Hewlett-Packard) 86100C Datasheet HTML 17Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
13
Specifications
Specifications describe warranted performance over the temperature range of +10 °C to +40 °C (unless otherwise noted). The specifications are
applicable for the temperature after the instrument is turned on for one (1) hour, and while self-calibration is valid. Many performance parameters
are enhanced through frequent, simple user calibrations. Characteristics provide useful, non-warranted information about the functions and
performance of the instrument. Characteristics are printed in italic typeface. Product specifications and descriptions in this document subject to
change without notice.
Factory Calibration Cycle -For optimum performance, the instrument should have a complete verification of specifications once every twelve (12) months.
General specifications
Temperature
Operating
Non-operating
Altitude
Operating
Power
10 °C to +40 °C (50 °F to +104 °F)
–40 °C to +65 °C (–40 °F to +158 °F)
Up to 4,600 meters (15,000 ft)
115 V, 5.7 A,
230 V, 3.0 A
50/60 Hz
Weight
Mainframe without modules
Typical module
Mainframe dimensions (excluding handle)
Without front connectors and rear feet
With front connectors and rear feet
15.5 kg (34 lb)
1.2 kg (2.6 lb)
215 mm H x 425 mm W x 566 mm D (8.47 in x 16.75 in x 22.2 in)
215 mm H x 425 mm W x 629 mm D (8.47 in x 16.75 in x 24.8 in)
Mainframe specifications
HORIZONTAL SYSTEM (time base)
Scale factor (full scale is ten divisions)
Minimum
Maximum
Delay1
Minimum
Maximum
Time interval accuracy2
Time interval accuracy – jitter mode operation4
Time interval resolution
Display units
2 ps/div (with 86107A: 500 fs/div)
1 s/div
24 ns
1000 screen diameters or 10 s,
whichever is smaller
1 ps + 1.0% of ∆ time reading3 or 8 ps,
whichever is smaller
1 ps
≤ (screen diameter)/(record length) or 62.5 fs,
whichever is larger
Bits or time (TDR mode–meters)
PATTERN LOCK
250 ns/div
40.1 ns default, 24 ns min
1000 screen diameters or 25.401 μs,
whichever is smaller
VERTICAL SYSTEM (channels)
Number of channels
Vertical resolution
Full resolution channel
Adjustments
Record length
4 (simultaneous acquisition)
14 bit A/D converter (up to 15 bits with averaging)
Adjusts in a 1-2-5-10 sequence for coarse adjustment or fine adjustment resolution
from the front panel knob
Scale, offset, activate filter, sampler bandwidth, attenuation factor, transducer conversion factors
16 to 16384 samples – increments of 1
1 Time offset relative to the front panel trigger input on the instrument mainframe.
2 Dual marker measurement performed at a temperature within ±5 °C of horizontal calibration temperature.
3 The maximum delay setting is 100 ns and delta time does not span across (28 + Nx4)ns +/- 100ps delay setting, where N=0,1,2….18. If delta time measurement span exceeds above criteria,
time interval accuracy is 8 ps +0.1% of ∆ time reading
4 Characteristic performance. Test configuration: PRBS of length 27 – 1 bits, Data and Clock 10 Gb/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com