Electronic Components Datasheet Search
  English  ▼

X  

ST7522 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7522
Description  17 x 96 Dot Matrix LCD Controller/Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7522 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7522 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
ST7522
Ver 1.0c
39/45
2002/07/10
80 Interface
(Ta = –40 to 85°C )
VDD=2.7 to 4.5V
Rating
VDD=4.5 to 5.5V
Rating
Item
Signal
Symbol
Condition
Min.
Max.
Min.
Max.
Units
Address hold time
tAH8
10
—
10
—
Address setup time
A0
tAW8
—
10
—
10
—
ns
System cycle time
A0
tCYC8
—
3400
—
1300
—
ns
Control L pulse width (WR
—
)
WR
—
tCCLW
350
—
160
—
Control L pulse width (RD
—
)
RD
—
tCCLR
530
—
200
—
Control H pulse width (WR
—
)
WR
—
tCCHW
1100
—
1100
—
Control H pulse width (RD
—
)
RD
—
tCCHR
—
730
—
530
—
ns
Data setup time
tDS8
25
—
10
—
Address hold time
D0 to D7
tDH8
—
10
—
10
—
ns
RD
—
access time
tACC8
—
70
—
70
Output disable time
D0 to D7
tOH8
CL = 100 pF
—
1200
—
1100
ns
*1 All timing is specified using 20% and 80% of VDD as the reference.
*2
tCCLW and tCCLR are specified as the overlap between CS1
―
being “L” (CS2 = “H”) and WR
―
and RD
―
being at the “L” level.
tAW8
tAH8
tDS8
tDH8
tACC8
tOH8
tCCLR,tCCLW
tCYC8
tCCHR,tCCHW
A0
D0 to D7
(Write)
D0 to D7
(Read)
CS1
CS2
WR,RD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com