Electronic Components Datasheet Search
  English  ▼

X  

ST7522 Datasheet(PDF) 5 Page - Sitronix Technology Co., Ltd.

Part # ST7522
Description  17 x 96 Dot Matrix LCD Controller/Driver
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7522 Datasheet(HTML) 5 Page - Sitronix Technology Co., Ltd.

  ST7522 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST7522 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
ST7522
Ver 1.0c
5/45
2002/07/10
P
PA
AD
D C
CE
EN
NT
TE
ER
R C
CO
OO
OR
RD
DIIN
NA
AT
TE
ES
S
(chip size : 3720 µm x 5040 µm)
Pin Name
Pin Name
Pin Name
Pad
No.
Master Slave
X
Y
Pad
No.
Master
Slave
X
Y
Pad
No.
Master Slave
X
Y
1
SEG56 SEG73 -1745
2405
50
SEG7 SEG24 -1045 -2405
99
CLS
1745
275
2
SEG55 SEG72 -1745
2275
51
SEG6 SEG23
-935
-2405
100
FR
1745
385
3
SEG54 SEG71 -1745
2155
52
SEG5 SEG22
-825
-2405
101
V1
1745
495
4
SEG53 SEG70 -1745
2035
53
SEG4 SEG21
-715
-2405
102
V4
1745
605
5
SEG52 SEG69 -1745
1925
54
SEG3 SEG20
-605
-2405
103
V3
1745
715
6
SEG51 SEG68 -1745
1815
55
SEG2 SEG19
-495
-2405
104
M/S
1745
825
7
SEG50 SEG67 -1745
1705
56
SEG1 SEG18
-385
-2405
105
V5
1745
935
8
SEG49 SEG66 -1745
1595
57
SEG0 SEG17
-275
-2405
106
V2
1745
1045
9
SEG48 SEG65 -1745
1485
58
COMI
SEG16
-165
-2405
107
CAP1
1745
1155
10
SEG47 SEG64 -1745
1375
59
COM15 SEG15
-55
-2405
108
CAP2
1745
1265
11
SEG46 SEG63 -1745
1265
60
COM14 SEG14
55
-2405
109
CAP3
1745
1375
12
SEG45 SEG62 -1745
1155
61
COM13 SEG13
165
-2405
110
SEG95 COM0
1745
1485
13
SEG44 SEG61 -1745
1045
62
COM12 SEG12
275
-2405
111
SEG94 COM1
1745
1595
14
SEG43 SEG60 -1745
935
63
COM11 SEG11
385
-2405
112
SEG93 COM2
1745
1705
15
SEG42 SEG59 -1745
825
64
COM10 SEG10
495
-2405
113
SEG92 COM3
1745
1815
16
SEG41 SEG58 -1745
715
65
COM9
SEG9
605
-2405
114
SEG91 COM4
1745
1925
17
SEG40 SEG57 -1745
605
66
COM8
SEG8
715
-2405
115
SEG90 COM5
1745
2035
18
SEG39 SEG56 -1745
495
67
COM7
SEG7
825
-2405
116
SEG89 COM6
1745
2155
19
SEG38 SEG55 -1745
385
68
COM6
SEG6
935
-2405
117
SEG88 COM7
1745
2275
20
SEG37 SEG54 -1745
275
69
COM5
SEG5
1045
-2405
118
SEG87 COM8
1745
2405
21
SEG36 SEG53 -1745
165
70
COM4
SEG4
1155
-2405
119
SEG86 COM9
1615
2405
22
SEG35 SEG52 -1745
55
71
COM3
SEG3
1265
-2405
120
SEG85 COM10 1495
2405
23
SEG34 SEG51 -1745
-55
72
COM2
SEG2
1375
-2405
121
SEG84 COM11 1375
2405
24
SEG33 SEG50 -1745
-165
73
COM1
SEG1
1495
-2405
122
SEG83 COM12 1265
2405
25
SEG32 SEG49 -1745
-275
74
COM0
SEG0
1615
-2405
123
SEG82 COM13 1155
2405
26
SEG31 SEG48 -1745
-385
75
COMS
1745
-2405
124
SEG81 COM14 1045
2405
27
SEG30 SEG47 -1745
-495
76
S1
1745
-2275
125
SEG80 COM15
935
2405
28
SEG29 SEG46 -1745
-605
77
S2
1745
-2155
126
SEG79 COMI
825
2405
29
SEG28 SEG45 -1745
-715
78
S3
1745
-2035
127
SEG78 SEG95
715
2405
30
SEG27 SEG44 -1745
-825
79
S4
1745
-1925
128
SEG77 SEG94
605
2405
31
SEG26 SEG43 -1745
-935
80
P/S
1745
-1815
129
SEG76 SEG93
495
2405
32
SEG25 SEG42 -1745 -1045
81
CL
1745
-1705
130
SEG75 SEG92
385
2405
33
SEG24 SEG41 -1745 -1155
82
VSS
1745
-1595
131
SEG74 SEG91
275
2405
34
SEG23 SEG40 -1745 -1265
83
D0
1745
-1485
132
SEG73 SEG90
165
2405
35
SEG22 SEG39 -1745 -1375
84
D1
1745
-1375
133
SEG72 SEG89
55
2405
36
SEG21 SEG38 -1745 -1485
85
D2
1745
-1265
134
SEG71 SEG88
-55
2405
37
SEG20 SEG37 -1745 -1595
86
D3
1745
-1155
135
SEG70 SEG87
-165
2405
38
SEG19 SEG36 -1745 -1705
87
D4
1745
-1045
136
SEG69 SEG86
-275
2405
39
SEG18 SEG35 -1745 -1815
88
D5
1745
-935
137
SEG68 SEG85
-385
2405
40
SEG17 SEG34 -1745 -1925
89
D6
1745
-825
138
SEG67 SEG84
-495
2405
41
SEG16 SEG33 -1745 -2035
90
D7
1745
-715
139
SEG66 SEG83
-605
2405
42
SEG15 SEG32 -1745 -2155
91
/CS1
1745
-605
140
SEG65 SEG82
-715
2405
43
SEG14 SEG31 -1745 -2275
92
CS2
1745
-495
141
SEG64 SEG81
-825
2405
44
SEG13 SEG30 -1745 -2405
93
E(RD)
1745
-385
142
SEG63 SEG80
-935
2405
45
SEG12 SEG29 -1615 -2405
94
A0
1745
-275
143
SEG62 SEG79 -1045
2405
46
SEG11 SEG28 -1495 -2405
95
R/W
1745
-165
144
SEG61 SEG78 -1155
2405
47
SEG10 SEG27 -1375 -2405
96
VDD
1745
-55
145
SEG60 SEG77 -1265
2405
48
SEG9 SEG26 -1265 -2405
97
C86
1745
55
146
SEG59 SEG76 -1375
2405
49
SEG8 SEG25 -1155 -2405
98
RES
1745
165
147
SEG58 SEG75 -1495
2405
148
SEG57 SEG74 -1615
2405



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com