| Electronic Components Datasheet Search |
|
ST7522 Datasheet(PDF) 22 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7522 Datasheet(HTML) 22 Page - Sitronix Technology Co., Ltd. |
|
22 / 45 page ![]() ST7522 Ver 1.0c 22/45 2002/07/10 Write Display Data A0 RD ― WR ― D7 D6 D5 D4 D3 D2 D1 D0 1 1 0 Write data Writes 8-bits of data into the display data RAM, at a location specified by the contents of the column address and page, address registers and then increments the column address register by one. Read Display Data A0 RD ― WR ― D7 D6 D5 D4 D3 D2 D1 D0 1 0 1 Read data Reads 8-bits of data from the data I/O latch, updates the contents of the I/O latch with display data from the display data RAM location specified by the contents of the column address and page address registers and then increments the column address register. After loading a new address into the column address register one dummy read is required before valid data is obtained. Start line set A0 RD ― WR ― D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 0 1 0 Display start address Loads the RAM line address of the initial display line, COM 0,into the initial display line register. The RAM display data becomes the top line of the LCD screen. It is followed by the higher number lines in ascending order, corresponding to the duty cycle. The screen can be scrolled using this command by incrementing the line address.(default value=”00H”) Select ADC A0 RD ― WR ― D7 D6 D5 D4 D3 D2 D1 D0 0 1 0 1 0 1 0 0 0 0 A The command selects the relationship between display data RAM column addresses and segment drivers. A=1: SEG0 ← column address 5FH, … inverted A=0: SEG0 ← column address 00H, … normal (default) This command is provided to reduce restrictions on the placement of driver ICs and routing of traces during printed circuit Board design. See Figure 4 for a table of segments and column addresses for the two values of D. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |