Electronic Components Datasheet Search
  English  ▼

X  

ST7565V Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7565V
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565V Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7565V Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 72 page
background image
ST7565V
Ver 1.5b
49/72
2009/09/14
Sleep Mode (Double Byte Command)
This command is two byte command use as a pair with preceding command and following command, and both commands
must issued one after the other.
This stops all operations in the LCD display system, and as long as there are no accesses from the MPU, the consumption
current is reduced to a value near the static current. The internal modes during sleep mode are as follows:
1. The oscillator circuit and the LCD power supply circuit are halted.
2. All liquid crystal drive circuits are halted, and the segment in common drive outputs output a VDD level.
A0
E
/RD
R/W
/WR
D7
D6
D5
D4
D3
D2
D1
D0
Status
Preceding Command
1
0
1
0
1
1
0
0
1
Sleep Mode
Normal Mode
Following Command
0
1
0
*
*
*
*
*
*
0
0
*Disable bit (Set “0”)
Done
Sleep Mode Set
Preceding Command Set
Following Command Set
Set Complete?
No
Figure 27
In the sleep mode, the MPU is still able to access the display data RAM.
Refer to figure 28 for sleep mode sequence.
Normal Mode
(Exit Sleep Mode)
Normal Mode
Sleep Mode
Sleep Mode Setting (Sleep Mode)
Display OFF
Display all points ON
Display all points OFF
Sleep Mode Setting (Normal Mode)
Figure 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com