Electronic Components Datasheet Search
  English  ▼

X  

ST7565V Datasheet(PDF) 72 Page - Sitronix Technology Co., Ltd.

Part # ST7565V
Description  65 x 132 Dot Matrix LCD Controller/Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7565V Datasheet(HTML) 72 Page - Sitronix Technology Co., Ltd.

Back Button ST7565V Datasheet HTML 64Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 65Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 66Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 67Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 68Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 69Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 70Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 71Page - Sitronix Technology Co., Ltd. ST7565V Datasheet HTML 72Page - Sitronix Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 72 / 72 page
background image
ST7565V
Ver 1.5b
72/72
2009/09/14
Revisions
Version 0.1
- Preliminary.
Version 0.2
- update Pad Center Coordinates page 2,3,4,5
Version 0.2a
- update ABSOLUTE MAXIMUM RATINGS and DC CHARACTERISTICS
Version 0.2b
- update DC CHARACTERISTICS , Pad Arrangement
Version 0.2c
- update AC CHARACTERISTICS (serial)
Version 0.2d
- update PIN DESCRIPTIONS M/S
Version 0.2e
- update ABSOLUTE MAXIMUM RATINGS and DC CHARACTERISTICS
Version 0.2f
- update Master and Slave reference example.
Version 0.3
- update Pad Center Coordinates (1/65 , 1/49 , 1/33 , 1/55 , 1/53 Duty) page 3..17
Version 0.3a
- update Pad Diagram page2 and v5 regulator voltage diagram(figure 9) page35
Version 0.3b
- Logic power supply VDD – VSS = 1.8V to 3.3 V (+10% Range) , VOUT= -13V (+10% Range)
Version 0.3c
- Modify page-38 The temperature grade of the Internal Power Supply for ST7565V (-0.05%/°C) Figure 14
Version 0.4
- Delete recommended to connect an external resistor to stabilize potentials of V1, V2, V3 and V4
Version 1.0
- Transition to ST7565V
Version 1.1
- Modify Tdh (data hold time) and page53,54 initial flow
Version 1.2
- Modify Voltage range and Temperature range.
Version 1.3
- Add ITO resistance limitation
- Modify the description of DC characteristics.
- Modify function description.
- Redraw figures.
- Redraw the PAD DIAGRAM.
- Highlight the HPM (High Power Mode) description.
- Put emphasis on the power OFF procedure (Page 56-57).
Version 1.4
- Fix Ver. 1.3: Booster Circuit mistake (Booster X6, Page 32).
Version 1.5
- Remove static indicator function.
- Modify timing characteristics..
Version 1.5a - Modify mistake of Status Read.
Version 1.5b - Modify the mistake of The Reset Circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com