Electronic Components Datasheet Search
  English  ▼

X  

ST7625 Datasheet(PDF) 39 Page - Sitronix Technology Co., Ltd.

Part # ST7625
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7625 Datasheet(HTML) 39 Page - Sitronix Technology Co., Ltd.

Back Button ST7625 Datasheet HTML 35Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 36Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 37Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 38Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 39Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 40Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 41Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 42Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 43Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 160 page
background image
ST7625
Ver 1.6
39/160
2008/07
7.4 Gray-Scale Display
ST7625 incorporates a 4FRC & 31 PWM function circuit to display a 64 gray-scale display.
7.5 Oscillation circuit
ST7625 has a built-in an oscillator circuit. It provides internal clock without using external resistor. This oscillator signal is
used in the voltage converter and display timing generation circuit.
7.6 Display Timing Generator Circuit
This circuit generates some signals for displaying LCD. The display clock, which is generated by oscillation clock,
generates the clock for the line counter and the signal for the display data latch. The line address of on-chip RAM is
generated in synchronization with the display clock and the display data latch circuit latches the 96-bits display data in
synchronization with the display clock. The display data, which is read to the LCD driver, is completely independent of the
access to the display data RAM from the microprocessor. The display clock generates an LCD AC signal (M), which
enables the LCD driver to make an AC drive waveform, and also generates an internal common timing signal and start
signal to the common driver. The frame signal or the line signal changes the M by setting internal instruction. Driving
waveform and internal timing signal are shown in Figure 7.5.
Figure 7.5 2-frame AC Driving Waveform (Duty Ratio: 1/96)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com