Electronic Components Datasheet Search
  English  ▼

X  

ST7625 Datasheet(PDF) 49 Page - Sitronix Technology Co., Ltd.

Part # ST7625
Description  65K Color Dot Matrix LCD Controller/Driver
PDF  160 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7625 Datasheet(HTML) 49 Page - Sitronix Technology Co., Ltd.

Back Button ST7625 Datasheet HTML 45Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 46Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 47Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 48Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 49Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 50Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 51Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 52Page - Sitronix Technology Co., Ltd. ST7625 Datasheet HTML 53Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 160 page
background image
ST7625
Ver 1.6
49/160
2008/07
Setting example for TC curve=-0.08%
Command
0xF4
Data
1
st : 0x22
2
nd : 0x22
3
rd : 0x22
4
th : 0x22
5
th : 0x22
6
th : 0x22
7
th : 0x22
8
th : 0x22
VOP=11V, BIAS=1/9,TC=-0.08%
0
2
4
6
8
10
12
14
16
18
-40
-30
-20
-10
0
10
20
24
30
40
50
60
70
80
90
Temp
VOP
TC=-0.08%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com