Electronic Components Datasheet Search
  English  ▼

X  

ST8016 Datasheet(PDF) 3 Page - Sitronix Technology Co., Ltd.

Part # ST8016
Description  160 Output LCD Common/ Segment Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016 Datasheet(HTML) 3 Page - Sitronix Technology Co., Ltd.

  ST8016 Datasheet HTML 1Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
ST8016
Ver 2.0
Page 3/28
2008/05/07
3
PIN CONNECTIONS
Package: 186-pin TCP (Tape Carrier Package)
4
PIN DESCRIPTION (TCP)
PIN NO.
SYMBOL
I/O
DESCRIPTION
1 ~ 160
Y1-Y160
O LCD drive output
161,186
V0L, V0R
P
Power supply for LCD drive
162,185
V12L, V12R
P
Power supply for LCD drive
163,184
V43L, V43R
P
Power supply for LCD drive
165
L/R
I
Display data shift direction selection
166
VDD
P
Power supply for logic system (+2.5 to +5.5 V)
167
S/C
I
Segment mode/common mode selection
168,180
EIO2, EIO1
I/O
Input/output for chip selection at segment mode
Shift data input/output for shift register at common mode
169 ~ 175
DI0-DI6
I
Display data input at segment mode
176
DI7
I
Display data input at segment mode/Dual mode data input at common
mode
177
XCK
I
Clock input for taking display data at segment mode
178
/DISPOFF
I
Control input for output of non-select level
179
LP
I
Latch pulse input for display data at segment mode/
Shift clock input for shift register at common mode
181
FR
I
AC-converting signal input for LCD drive waveform
182
MD
I
Mode selection input
164,183
VSS
P
Ground (0 V)
P: power pin
1
160
161
186
Y1
Y158
Y159
Y160
Y3
Y2
V0R
V0L
EIO1
LP
/DISPOFF
XCK
DI0
EIO2
S/C
VDD
V43L
V12L
DI1
DI7
DI6
DI5
DI4
DI3
DI2
FR
VSS
V43R
V12R
L/R
MD
186 PIN TCP
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com