Electronic Components Datasheet Search
  English  ▼

X  

ST8016 Datasheet(PDF) 6 Page - Sitronix Technology Co., Ltd.

Part # ST8016
Description  160 Output LCD Common/ Segment Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016 Datasheet(HTML) 6 Page - Sitronix Technology Co., Ltd.

Back Button ST8016 Datasheet HTML 2Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 3Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
ST8016
Ver 2.0
Page 6/28
2008/05/07
FIGURE 7-4 Input/Output Circuit
FIGURE 7-5 LCD Drive Output Circuit
V DD
I/O
To Internal Circuit
Vss (0V)
Vss (0V)
Control Signal
Vss (0V)
VDD
Output Signal
Control Signal
Application Pins
EIO1 , EIO2
O
Vss (0V)
V0
Control Signal 1
Control Signal 3
Control Signal 2
Control Signal 4
V0
V12
V43
V5
VSS (0V)
Application Pins
Y1~Y160



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com