Electronic Components Datasheet Search
  English  ▼

X  

ST8016 Datasheet(PDF) 8 Page - Sitronix Technology Co., Ltd.

Part # ST8016
Description  160 Output LCD Common/ Segment Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016 Datasheet(HTML) 8 Page - Sitronix Technology Co., Ltd.

Back Button ST8016 Datasheet HTML 4Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
ST8016
Ver 2.0
Page 8/28
2008/05/07
to "L” for one cycle (from falling edge to failing edge of XCK), after which it returns to "H".
Ÿ
During input, the chip is selected while El is set to "L" after the LP signal is input. The chip is
non-selected after 160 bits of data have been read.
OPTION_VDD
Option selection pin
Ÿ
For COG layout to reduce interface pins.
Ÿ
Normally let it open
Y1 -Y160
LCD drive output pins
Ÿ
Corresponding directly to each bit of the data latch, one level (V0, V12 or V43) is selected
and output.
Ÿ
Table of truth values is shown in "TRUTH TABLE" in Functional Operations.
(Common mode)
SYMBOL
FUNCTION
VDD
Logic system power supply pin, connected to +2.5 to +5.5 V.
VSS
Ground pin, connected to 0 V.
V0L, V0R
V12L, V12R
V43L, V43R
Bias power supply pins for LCD drive voltage
Ÿ
Normally use the bias voltages set by a resistor divider.
Ÿ
Ensure that voltages are set such that VSS < V43 < V12 < V0.
Ÿ
ViL and ViR (i = 0,12, 43) must connect to an external power supply, and supply regular
voltage that is assigned by specification for each power pin.
ElO1
Shift data input/output pin for bi-directional shift register
Ÿ
Output pin when L/R is at VSS level "L', input pin when L/R is at VDD level "H".
Ÿ
When L/R = H, ElO1 is used as input pin, it will be pulled down.
Ÿ
When L/R = L, ElO1 is used as output pin, it won't be pulled down.
Ÿ
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
EIO2
Shift data input/output pin for bi-directional shift register
Ÿ
Input pin when L/R is at VSS level "L", output pin when L/R is at VDD level "H".
Ÿ
When L/R = L, EIO2 is used as input pin, it will be pulled down.
Ÿ
When L/R = H, EIO2 is used as output pin, it won't be pulled down.
Ÿ
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
LP
Shift clock pulse input pin for bi-directional shift register
Ÿ
* Data is shifted at the falling edge of the clock pulse.
L/R
Input pin for selecting the shift direction of bi-directional shift register
Ÿ
Data is shifted from Y160 to Y1 when set to VSS level "L", and data is shifted from Y1 to Y160
when set to VDD level "H".
Ÿ
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
/DISPOFF
Control input pin for output of non-select level
Ÿ
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
Ÿ
When set to VSS level "L", the LCD drive output pins (Y1-Y160) are set to level Vss.
Ÿ
When set to "L”, the contents of the shift register are reset to not reading data. When the
/DISPOFF function is canceled, the driver outputs non-select level (V12 or V43), and the shift
data is read at the next falling edge of the LP. At that time, if /DISPOFF removal time does
not correspond to what is shown in AC characteristics, the shift data is not read correctly.
Ÿ
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
FR
AC signal input pin for LCD drive waveform
Ÿ
The input signal is level-shifted from logic voltage level to LCD drive voltage level, and
controls the LCD drive circuit.
Ÿ
Normally it inputs a frame inversion signal.
Ÿ
The LCD drive output pins' output voltage levels can be set using the shift register output
signal and the FR signal.
Ÿ
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
MD
Mode selection pin
Ÿ
When set to VSS level "L", single mode operation is selected; when set to VDD level "H" dual
mode operation is selected.
Ÿ
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com