Electronic Components Datasheet Search
  English  ▼

X  

ST8016 Datasheet(PDF) 9 Page - Sitronix Technology Co., Ltd.

Part # ST8016
Description  160 Output LCD Common/ Segment Driver IC
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST8016 Datasheet(HTML) 9 Page - Sitronix Technology Co., Ltd.

Back Button ST8016 Datasheet HTML 5Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 6Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 7Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 8Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 9Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 10Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 11Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 12Page - Sitronix Technology Co., Ltd. ST8016 Datasheet HTML 13Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
ST8016
Ver 2.0
Page 9/28
2008/05/07
DI7
Dual mode data input pin
Ÿ
According to the data shift direction of the data shift register, data can be input starting from
the 81st bit.
When the chip is used in dual mode, DI7 will be pulled down.
When the chip is used in single mode, DI7 won't be pulled down(Connect to VSS or VDD,
avoiding floating.).
Ÿ
Refer to "RELATIONSHIP BETWEEN THE DISPLAY DATA AND LCD DRIVE OUTPUT
PINS" in Functional Operations.
S/C
Segment mode/common mode selection pin
Ÿ
When set to VSS level "L", common mode is set.
DI6-DI0
Not used
Ÿ
Connect DI6-DI0 to VSS or VDD, avoiding floating.
XCK
Not used
Ÿ
XCK is pulled down in common mode, so connect to VSS or open.
OPTION_VDD
Option selection pin
Ÿ
For COG layout to reduce interface pin.
Y1 -Y160
LCD drive output pins
Ÿ
Corresponding directly to each bit of the shift register, one level (V0, V12, V43, or VSS) is
selected and output.
Ÿ
Table of truth-values is shown in "TRUTH TABLE" in Functional Operations.
8.2
Functional Operations
8.2.1 Truth Table
(Segment Mode)
FR
LATCH DATA
/DISPOFF
LCD DRIVE OUTPUT VOLTAGE LEVEL (Y1-Y160)
L
L
H
V43
L
H
H
VSS
H
L
H
V12
H
H
H
V0
X
X
L
VSS
(Common Mode)
FR
LATCH DATA
/DISPOFF
LCD DRIVE OUTPUT VOLTAGE LEVEL (Y1-Y160)
L
L
H
V43
L
H
H
V0
H
L
H
V12
H
H
H
VSS
X
X
L
VSS
NOTES:
Ÿ
VSS < V43 < V12 < V0
Ÿ
L : VSS (0 V), H : VDD (+2.5 to +5.5 V), X : Don't care
Ÿ
"Don't care" should be fixed to "H" or "L", avoiding floating.
There are two kinds of power supply (logic level voltage and LCD drive voltage) for the LCD driver.
Supply regular voltage that is assigned by specification for each power pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com