Electronic Components Datasheet Search
  English  ▼

X  

B41141 Datasheet(PDF) 7 Page - EPCOS

Part # B41141
Description  Aluminum electrolytic capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41141 Datasheet(HTML) 7 Page - EPCOS

Back Button B41141 Datasheet HTML 3Page - EPCOS B41141 Datasheet HTML 4Page - EPCOS B41141 Datasheet HTML 5Page - EPCOS B41141 Datasheet HTML 6Page - EPCOS B41141 Datasheet HTML 7Page - EPCOS B41141 Datasheet HTML 8Page - EPCOS B41141 Datasheet HTML 9Page - EPCOS B41141 Datasheet HTML 10Page - EPCOS B41141 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
SMD capacitors
B41141
Low impedance – 105
°C
7
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
25
4.7
4
× 5.4
0.14
3.00
60
B41141A5475M000
6.8
4
× 5.4
0.14
3.00
60
B41141A5685M000
10
5
× 5.4
0.14
1.80
95
B41141A5106M000
15
6.3
× 5.4
0.14
1.00
140
B41141A5156M000
22
6.3
× 5.4
0.14
1.00
140
B41141A5226M000
33
6.3
× 5.4
0.14
1.00
140
B41141A5336M000
33
6.3
× 5.8
0.14
1.00
140
B41141B5336M000
47
6.3
× 7.7
0.14
0.60
230
B41141A5476M000
47
8
× 6.2
0.14
0.80
150
B41141B5476M000
68
8
× 6.2
0.14
0.80
150
B41141A5686M000
68
8
× 10
0.14
0.30
450
B41141B5686M000
100
8
× 10
0.14
0.30
450
B41141A5107M000
220
10
× 10
0.14
0.15
670
B41141A5227M000
330
10
× 10
0.14
0.15
670
B41141A5337M000
470
10
× 10
0.14
0.15
670
B41141A5477M000
35
1.0
4
× 5.4
0.12
3.00
60
B41141A7105M000
1.5
4
× 5.4
0.12
3.00
60
B41141A7155M000
2.2
4
× 5.4
0.12
3.00
60
B41141A7225M000
3.3
4
× 5.4
0.12
3.00
60
B41141A7335M000
4.7
4
× 5.4
0.12
3.00
60
B41141A7475M000
6.8
5
× 5.4
0.12
1.80
95
B41141A7685M000
10
5
× 5.4
0.12
1.80
95
B41141A7106M000
15
6.3
× 5.4
0.12
1.00
140
B41141A7156M000
22
6.3
× 5.4
0.12
1.00
140
B41141A7226M000
22
6.3
× 5.8
0.12
1.00
140
B41141B7226M000
33
6.3
× 7.7
0.12
0.60
230
B41141A7336M000
33
8
× 6.2
0.12
0.80
150
B41141B7336M000
47
6.3
× 7.7
0.12
0.60
230
B41141A7476M000
47
8
× 6.2
0.12
0.80
150
B41141B7476M000
100
10
× 10
0.12
0.15
670
B41141A7107M000
220
10
× 10
0.12
0.15
670
B41141A7227M000
330
10
× 10
0.12
0.15
670
B41141A7337M000
Technical data and ordering codes
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
tan
δmax
120 Hz
20
°C
Zmax
100 kHz
20
°C
Ω
IAC,R
100 kHz
105
°C
mA
Ordering code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com