Electronic Components Datasheet Search
  English  ▼

X  

B41141 Datasheet(PDF) 5 Page - EPCOS

Part # B41141
Description  Aluminum electrolytic capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41141 Datasheet(HTML) 5 Page - EPCOS

  B41141 Datasheet HTML 1Page - EPCOS B41141 Datasheet HTML 2Page - EPCOS B41141 Datasheet HTML 3Page - EPCOS B41141 Datasheet HTML 4Page - EPCOS B41141 Datasheet HTML 5Page - EPCOS B41141 Datasheet HTML 6Page - EPCOS B41141 Datasheet HTML 7Page - EPCOS B41141 Datasheet HTML 8Page - EPCOS B41141 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
SMD capacitors
B41141
Low impedance – 105
°C
5
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Overview of available types
VR (V DC)
6.3
1016
253550
Case dimensions d
× l (mm)
CR (µF)
1.0
4
× 5.4
4
× 5.4
1.5
4
× 5.4
4
× 5.4
2.2
4
× 5.4
4
× 5.4
3.3
4
× 5.4
4
× 5.4
4.7
4
× 5.4
4
× 5.4
5
× 5.4
6.8
4
× 5.4
5
× 5.4
10
4
× 5.4
5
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.8
15
5
× 5.4
6.3
× 5.4
6.3
× 5.4
22
4
× 5.4
5
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.4
6.3
× 5.8
6.3
× 7.7
33
5
× 5.4
5
× 5.4
6.3
× 5.4
6.3
× 5.4
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
×10
47
5
× 5.4
6.3
× 5.4
6.3
× 5.4
6.3
× 5.8
6.3
× 7.7
8
× 6.2
6.3
× 7.7
8
× 6.2
10
×10
68
6.3
× 5.4
6.3
× 5.4
6.3
× 5.8
6.3
× 7.7
8
× 6.2
8
× 6.2
8
×10
100
6.3
× 5.4
6.3
× 5.8
6.3
× 7.7
8
× 6.2
6.3
× 7.7
8
× 6.2
8
×10
10
×10
10
×10
150
8
× 6.2
6.3
× 7.7
8
× 6.2
220
6.3
× 7.7
8
× 6.2
8
×10
10
×10
10
×10
10
×10
10
×10
330
8
×10
10
×10
10
×10
10
×10
470
10
×10
10
×10
10
×10
680
10
×10
1000
10
×10
10
×10
1500
10
×10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com