Electronic Components Datasheet Search
  English  ▼

X  

B41141 Datasheet(PDF) 9 Page - EPCOS

Part # B41141
Description  Aluminum electrolytic capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41141 Datasheet(HTML) 9 Page - EPCOS

Back Button B41141 Datasheet HTML 5Page - EPCOS B41141 Datasheet HTML 6Page - EPCOS B41141 Datasheet HTML 7Page - EPCOS B41141 Datasheet HTML 8Page - EPCOS B41141 Datasheet HTML 9Page - EPCOS B41141 Datasheet HTML 10Page - EPCOS B41141 Datasheet HTML 11Page - EPCOS B41141 Datasheet HTML 12Page - EPCOS B41141 Datasheet HTML 13Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
SMD capacitors
B41141
Mounting intructions
9
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
Soldering
Recommended conditions
For reflow, use thermal conduction systems such as infrared radiation (IR) or hot blast. Vapor heat
transfer systems (VPS) are not recommended.
■
Observe proper soldering conditions (temperature, time, etc.).
■
Do not exceed the specified limits.
■
Temperature measuring method: Measure temperature in assuming quantitative production,
by sticking the thermo-couple to the capacitor upper part with epoxy adhesives.
■
Consult use for additional reflow restrictions.
Lead-free reflow
d (mm)
4 … 6.3
8 … 10
Peak temperature
250
°C
235
°C
Time in peak temperature
5 s
5 s
Time in 200
°C or more
60 s
60 s
Time of reflow
1 time
1 time
KAL1107-I
0
Time [s]
100
200
300
C
˚
120 s
Time in peak temperature
Time in 200
˚C
or more
˚
160 C
]
[
SMD capacitors
B41141
Mounting intructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com