Electronic Components Datasheet Search
  English  ▼

X  

B41141 Datasheet(PDF) 2 Page - EPCOS

Part # B41141
Description  Aluminum electrolytic capacitors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41141 Datasheet(HTML) 2 Page - EPCOS

  B41141 Datasheet HTML 1Page - EPCOS B41141 Datasheet HTML 2Page - EPCOS B41141 Datasheet HTML 3Page - EPCOS B41141 Datasheet HTML 4Page - EPCOS B41141 Datasheet HTML 5Page - EPCOS B41141 Datasheet HTML 6Page - EPCOS B41141 Datasheet HTML 7Page - EPCOS B41141 Datasheet HTML 8Page - EPCOS B41141 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
SMD capacitors
B41141
Low impedance – 105
°C
2
08/08
Please read Cautions and warnings and
Important notes at the end of this document.
General-purpose grade capacitors
Applications
■
Low impedance applications
Features
■
Low impedance
■
RoHS-compatible
■
Load life of 1000 hours at 105
°C
■
Wide temperature range (–55
°C ... +105 °C)
Construction
■
Surface mounting device
■
Minus pole marking on the case
Delivery mode
■
Taped and reeled
Specifications and characteristics in brief
Rated voltage VR
6.3 … 50 V DC
Operating temperature range
–55
°C … +105 °C
Rated capacitance CR
(20
°C, 120 Hz)
1.0 … 1500
µF
Capacitance tolerance
±20% M
Load life
(105
°C, VR)
1000 h
Requirements:
∆C/C ≤ ±20% of initial value
tan
δ≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Leakage current Ileak
(20
°C, after 2 minutes)
Low temperature stability
(impedance ratio)
(120 Hz)
VR (V DC)
6.3
1016
25
3550
2
222
22
4
433
33
Shelf life
After storage for 1000 h at 105
°C, the capacitors shall meet the
requirement of load life test after reforming process. After test: VR
to be applied for 30 minutes, 24 to 48 hours before measurement.
Frequency multiplier
for rated ripple current
50 Hz
120 Hz
300 Hz 1 kHz
≥10 kHz
0.35
0.50
0.64
0.83
1.00
Ileak 0.01 µA
CR
µF
-------
VR
V
-------
⋅
⎝⎠
⎛⎞ or 3 µA, whichever is greater
⋅
≤
Z 25 °C
–
()
Z +20 °C
()
---------------------------
Z40 °C
–
()
Z +20 °C
()
---------------------------
SMD capacitors
B41141
Low impedance – 105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com