Electronic Components Datasheet Search
  English  ▼

X  

B41252 Datasheet(PDF) 14 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 14 Page - EPCOS

Back Button B41252 Datasheet HTML 10Page - EPCOS B41252 Datasheet HTML 11Page - EPCOS B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS B41252 Datasheet HTML 14Page - EPCOS B41252 Datasheet HTML 15Page - EPCOS B41252 Datasheet HTML 16Page - EPCOS B41252 Datasheet HTML 17Page - EPCOS B41252 Datasheet HTML 18Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
14 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
100
2200
25.4
× 50
2.85
B41252A9228M000
2200
30
× 40
2.83
B41252B9228M000
2200
35
× 30
2.76
B41252C9228M000
2700
30
× 45
3.27
B41252A9278M000
2700
35
× 35
3.22
B41252B9278M000
3300
30
× 50
3.59
B41252A9338M000
3300
35
× 40
3.55
B41252B9338M000
3900
35
× 45
4.03
B41252A9398M000
4700
35
× 50
4.40
B41252A9478M000
Technical data and ordering codes B41252
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
AEC-C_B41252_B43252.book Seite 14 Mittwoch, 16. April 2008 1:08 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com