Electronic Components Datasheet Search
  English  ▼

X  

B41252 Datasheet(PDF) 16 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 16 Page - EPCOS

Back Button B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS B41252 Datasheet HTML 14Page - EPCOS B41252 Datasheet HTML 15Page - EPCOS B41252 Datasheet HTML 16Page - EPCOS B41252 Datasheet HTML 17Page - EPCOS B41252 Datasheet HTML 18Page - EPCOS B41252 Datasheet HTML 19Page - EPCOS B41252 Datasheet HTML 20Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
16 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
200
330
30
× 20
1.13
B43252B2337M000
390
22
× 35
1.24
B43252A2397M000
390
25.4
× 30
1.28
B43252B2397M000
390
30
× 25
1.31
B43252C2397M000
390
35
× 20
1.34
B43252D2397M000
470
22
× 40
1.43
B43252A2477M000
470
25.4
× 35
1.40
B43252D2477M000
470
30
× 25
1.44
B43252B2477M000
470
35
× 25
1.56
B43252C2477M000
560
22
× 45
1.63
B43252A2567M000
560
25.4
× 40
1.62
B43252B2567M000
560
30
× 30
1.67
B43252C2567M000
560
35
× 25
1.70
B43252D2567M000
680
22
× 50
1.88
B43252A2687M000
680
25.4
× 45
1.96
B43252D2687M000
680
30
× 30
1.84
B43252B2687M000
680
35
× 25
1.88
B43252C2687M000
820
25.4
× 50
2.25
B43252A2827M000
820
30
× 35
2.13
B43252B2827M000
820
35
× 30
2.18
B43252C2827M000
1000
30
× 45
2.57
B43252A2108M000
1000
35
× 35
2.53
B43252B2108M000
1200
30
× 50
2.72
B43252A2128M000
1200
35
× 35
2.57
B43252B2128M000
1500
35
× 45
3.13
B43252A2158M000
250
150
22
× 25
0.68
B43252E2157M000
150
25.4
× 20
0.69
B43252F2157M000
180
22
× 25
0.74
B43252E2187M000
180
25.4
× 20
0.76
B43252F2187M000
180
30
× 20
0.83
B43252G2187M000
220
22
× 30
0.88
B43252E2227M000
220
25.4
× 25
0.90
B43252F2227M000
220
30
× 20
0.92
B43252G2227M000
270
22
× 35
1.03
B43252E2277M000
270
25.4
× 30
1.06
B43252F2277M000
270
30
× 25
1.09
B43252G2277M000
270
35
× 20
1.11
B43252D2277M000
330
22
× 40
1.20
B43252E2337M000
330
25.4
× 30
1.18
B43252F2337M000
330
30
× 25
1.21
B43252G2337M000
330
35
× 20
1.23
B43252C2337M000
390
22
× 45
1.36
B43252E2397M000
Technical data and ordering codes B43252
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
AEC-C_B41252_B43252.book Seite 16 Mittwoch, 16. April 2008 1:08 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com