Electronic Components Datasheet Search
  English  ▼

X  

B41252 Datasheet(PDF) 20 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 20 Page - EPCOS

Back Button B41252 Datasheet HTML 16Page - EPCOS B41252 Datasheet HTML 17Page - EPCOS B41252 Datasheet HTML 18Page - EPCOS B41252 Datasheet HTML 19Page - EPCOS B41252 Datasheet HTML 20Page - EPCOS B41252 Datasheet HTML 21Page - EPCOS B41252 Datasheet HTML 22Page - EPCOS B41252 Datasheet HTML 23Page - EPCOS B41252 Datasheet HTML 24Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
20 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
450
100
22
× 40
0.63
B43252A5107M000
100
25.4
× 30
0.62
B43252B5107M000
100
30
× 25
0.64
B43252C5107M000
100
35
× 20
0.65
B43252D5107M000
120
22
× 45
0.73
B43252A5127M000
120
25.4
× 35
0.72
B43252B5127M000
120
30
× 30
0.74
B43252C5127M000
120
35
× 25
0.76
B43252D5127M000
150
22
× 50
0.85
B43252A5157M000
150
25.4
× 40
0.85
B43252B5157M000
150
30
× 30
0.83
B43252C5157M000
150
35
× 25
0.85
B43252D5157M000
180
25.4
× 45
0.97
B43252A5187M000
180
30
× 35
0.96
B43252B5187M000
180
35
× 30
0.98
B43252C5187M000
220
25.4
× 50
1.12
B43252A5227M000
220
30
× 40
1.11
B43252B5227M000
220
35
× 30
1.08
B43252C5227M000
270
30
× 45
1.28
B43252A5277M000
270
35
× 35
1.26
B43252B5277M000
330
30
× 50
1.48
B43252A5337M000
330
35
× 40
1.46
B43252B5337M000
390
35
× 45
1.66
B43252A5397M000
470
35
× 50
1.89
B43252A5477M000
500
47
22
× 25
0.25
B43252A6476M000
47
25.4
× 20
0.30
B43252B6476M000
56
22
× 30
0.29
B43252A6566M000
56
25.4
× 30
0.30
B43252B6566M000
56
30
× 20
0.36
B43252C6566M000
68
22
× 40
0.34
B43252A6686M000
68
25.4
× 35
0.35
B43252B6686M000
68
30
× 25
0.36
B43252C6686M000
68
35
× 20
0.48
B43252D6686M000
82
22
× 45
0.40
B43252A6826M000
82
25.4
× 40
0.41
B43252B6826M000
82
30
× 30
0.48
B43252C6826M000
82
35
× 25
0.48
B43252D6826M000
100
22
× 50
0.47
B43252A6107M000
100
25.4
× 45
0.46
B43252B6107M000
100
30
× 35
0.47
B43252C6107M000
100
35
× 30
0.48
B43252D6107M000
120
25.4
× 50
0.53
B43252A6127M000
Technical data and ordering codes B43252
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
AEC-C_B41252_B43252.book Seite 20 Mittwoch, 16. April 2008 1:08 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com