Electronic Components Datasheet Search
  English  ▼

X  

B41252 Datasheet(PDF) 15 Page - EPCOS

Part # B41252
Description  Aluminum electrolytic capacitors
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41252 Datasheet(HTML) 15 Page - EPCOS

Back Button B41252 Datasheet HTML 11Page - EPCOS B41252 Datasheet HTML 12Page - EPCOS B41252 Datasheet HTML 13Page - EPCOS B41252 Datasheet HTML 14Page - EPCOS B41252 Datasheet HTML 15Page - EPCOS B41252 Datasheet HTML 16Page - EPCOS B41252 Datasheet HTML 17Page - EPCOS B41252 Datasheet HTML 18Page - EPCOS B41252 Datasheet HTML 19Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Snap-in capacitors
B41252, B43252
Standard series – 105
°C
15 04/08
Please read Cautions and warnings and
Important notes at the end of this document.
Technical data and ordering codes B43252
VR
VDC
CR
120 Hz
20
°C
µF
Case
dimensions
d
× l
mm
IAC,R
120 Hz
105
°C
A
Ordering code
160
180
22
× 20
0.69
B43252A1187M000
220
22
× 20
0.76
B43252A1227M000
270
22
× 25
0.91
B43252A1277M000
270
25.4
× 20
0.93
B43252B1277M000
330
22
× 25
1.01
B43252A1337M000
330
25.4
× 25
1.10
B43252B1337M000
330
30
× 20
1.13
B43252C1337M000
390
22
× 30
1.17
B43252A1397M000
390
25.4
× 25
1.20
B43252B1397M000
390
30
× 20
1.23
B43252D1397M000
470
22
× 35
1.36
B43252A1477M000
470
25.4
× 25
1.32
B43252B1477M000
470
30
× 25
1.44
B43252C1477M000
470
35
× 20
1.47
B43252D1477M000
560
22
× 40
1.56
B43252A1567M000
560
25.4
× 30
1.53
B43252B1567M000
560
30
× 25
1.57
B43252C1567M000
560
35
× 25
1.70
B43252D1567M000
680
22
× 45
1.80
B43252A1687M000
680
25.4
× 35
1.79
B43252B1687M000
680
30
× 25
1.73
B43252C1687M000
680
35
× 25
1.88
B43252D1687M000
820
22
× 50
2.06
B43252A1827M000
820
25.4
× 40
2.06
B43252B1827M000
820
30
× 30
2.02
B43252C1827M000
820
35
× 25
2.06
B43252D1827M000
1000
25.4
× 45
2.38
B43252A1108M000
1000
30
× 35
2.35
B43252B1108M000
1000
35
× 30
2.41
B43252C1108M000
1200
25.4
× 50
2.52
B43252A1128M000
1200
30
× 40
2.50
B43252B1128M000
1200
35
× 30
2.44
B43252C1128M000
1500
35
× 40
3.00
B43252A1158M000
200
150
22
× 20
0.63
B43252A2157M000
180
22
× 20
0.69
B43252A2187M000
220
22
× 25
0.82
B43252A2227M000
220
25.4
× 20
0.84
B43252B2227M000
270
22
× 30
0.91
B43252A2277M000
270
25.4
× 25
1.00
B43252B2277M000
270
30
× 20
1.02
B43252C2277M000
330
22
× 30
1.07
B43252A2337M000
330
25.4
× 25
1.11
B43252D2337M000
AEC-C_B41252_B43252.book Seite 15 Mittwoch, 16. April 2008 1:08 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com