Electronic Components Datasheet Search
  English  ▼

X  

SF0904510YP Datasheet(PDF) 2 Page - ABC Taiwan Electronics Corp

Part # SF0904510YP
Description  SMD LINE FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0904510YP Datasheet(HTML) 2 Page - ABC Taiwan Electronics Corp

  SF0904510YP Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 7Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 8Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NAME
PROD.
REF :
SPECIFICATION FOR APPROVAL
SMD LINE FILTER
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE : 2
Ⅴ﹒ELECTRICAL CHARCTERISTICS:
4). Hi-Pot ( N-N ):250 Vac / 60 Hz , 3 mA / 1sec.
1). □:Packaging information … A:Bulk
B:Taping Reel
51.0±25%
SF0904510YP□-□□□
3). Rated voltage 80 Vdc / 42 Vac
SF0904472YP□-□□□
SF0904102YP□-□□□
SF0904471YP□-□□□
4700.0±25%
1000.0±25%
470.0±25%
SF0904250YP□-□□□
SF0904110YP□-□□□
DWG No.
( μH )
25.0±25%
11.0±25%
L (1-4)
@ 100KHz,0.1 Vrms
0.5
Sector
2.00
0.30
0.29
0.30
0.28
0.70
0.40
0.28
Bifilar
Bifilar
Bifilar
0.2
0.5
0.5
RDC(Winding)
1.50
LL (1-4) ( μH )
0.05
typ. ( 2-3 short )
@ 100KHz,0.1 Vrms
0.20
0.12
( Ω )
max.
Sector
Bifilar
Winding
0.5
0.5
Rated
Current
max. (A)
Sector
0.5
0.10
SF0904101YP□-□□□
100.0±25%
0.85
SF0904□□□□P□-□□□
AR-001A
2)."-
":Reference code
□
□ □



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com