Electronic Components Datasheet Search
  English  ▼

X  

SF0904510YP Datasheet(PDF) 1 Page - ABC Taiwan Electronics Corp

Part # SF0904510YP
Description  SMD LINE FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0904510YP Datasheet(HTML) 1 Page - ABC Taiwan Electronics Corp

  SF0904510YP Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 7Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 8Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
REF :
PAGE : 1
PROD.
NAME
ABC'S DWG NO.
ABC'S ITEM NO.
Ⅰ﹒CONFIGURATION & DIMENSIONS:
Ⅱ﹒SCHEMATIC DIAGRAM:
1
N1
N2
"
" : Polarity
2
4
3
510
( PCB Pattern )
SMD LINE FILTER
SF0904□□□□P□-□□□
SPECIFICATION FOR APPROVAL
A
:
7.30 typ.
B
:
5.40±0.2
C
:
4.70±0.15
E
:
2.54 typ.
F
:
0.50 typ.
D
:
5.50 typ.
H
:
1.75 typ.
I
:
0.30 typ.
J
:
9.60
ref.
K
:
3.70
ref.
M
:
1.20
ref.
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
m/m
e﹒Adhesive:Epoxy resin
b﹒Wire:Enamelled copper wire (Class F)
a﹒Core:Ferrite core
c﹒Base:Phenolic base
d﹒Terminal:Cu / Ni / Sn
Ⅲ﹒MATERIAL DESCRIPTION:
a
b
c
d
white color
Marking
A
A'
H
J
L
L
:
2.20
ref.
m/m
A
:
9.00±0.3
m/m
'
D
1
2
4
3
2
1
3
4
f﹒Remark:Products comply with RoHS' requirements
d﹒Resistance to solder heat:260℃. 10 secs.
c﹒Operating temp .:-40℃ ---- +135℃
b﹒Storage temp.:-40℃ ---- +135℃
a﹒Temp. rise:30℃ max. at rated current
Ⅳ﹒GENERAL SPECIFICATION:
( included Temp. rise )
Sn plating 7 um min. after soldering
Ni plating 1---3 um
AR-001A


Similar Part No. - SF0904510YP

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0903200Y2B ABC-SF0903200Y2B Datasheet
1Mb / 7P
SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
SMD LINE FILTER
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
SMD LINE FILTER
SF0905102YL ABC-SF0905102YL Datasheet
136Kb / 7P
SMD LINE FILTER
SF0905202YL ABC-SF0905202YL Datasheet
136Kb / 7P
SMD LINE FILTER
More results

Similar Description - SF0904510YP

ManufacturerPart #DatasheetDescription
logo
ABC Taiwan Electronics ...
SF0503110YL ABC-SF0503110YL Datasheet
1Mb / 7P
SMD LINE FILTER
SF0603001YL ABC-SF0603001YL Datasheet
621Kb / 8P
SMD LINE FILTER
SF0903470Y2B ABC-SF0903470Y2B Datasheet
1Mb / 7P
SMD LINE FILTER
SF0905100YL ABC-SF0905100YL Datasheet
136Kb / 7P
SMD LINE FILTER
SF1006121YL ABC-SF1006121YL Datasheet
1Mb / 6P
SMD LINE FILTER
SF1358350YL ABC-SF1358350YL Datasheet
600Kb / 7P
SMD LINE FILTER
SF2012300YL ABC-SF2012300YL Datasheet
248Kb / 7P
SMD LINE FILTER
SF6018100YL ABC-SF6018100YL Datasheet
582Kb / 7P
SMD LINE FILTER
logo
Bourns Electronic Solut...
SRF1306 BOURNS-SRF1306 Datasheet
36Kb / 1P
SMD Line Filter
SRF2012 BOURNS-SRF2012 Datasheet
118Kb / 1P
SMD LINE FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com