Electronic Components Datasheet Search
  English  ▼

X  

SF0904510YP Datasheet(PDF) 4 Page - ABC Taiwan Electronics Corp

Part # SF0904510YP
Description  SMD LINE FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0904510YP Datasheet(HTML) 4 Page - ABC Taiwan Electronics Corp

  SF0904510YP Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 7Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 8Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
※. Time maintained above (TL) / (tL):217℃ / 60~150sec.
※. Peak temp:20~40sec.
※. Peak Temp.:Follow bellow
AR-001A
<1.6 mm
2.5 mm
≧
1.6 mm~2.5 mm
Package
Thickness
260+0*
℃
260+0*
℃
250+0*
℃
260+0*
℃
245+0*
℃
250+0*
℃
<350
Volume mm3
350~2000
Volume mm3
260+0*
℃
245+0*
℃
245+0*
℃
>2000
Volume mm3
■ IPC/ JEDEC J-STD-020C PROFILE
SPECIFICATION FOR APPROVAL
Ramp-Down Rate :6℃ max. / sec.
Average Ramp-Up Rate:3℃ max. / sec.
※. Preheat (TS) / (tS):150~200℃ / 60~180sec.
tS
TS
TL
TP
NAME
PROD.
REF :
tL
tP
Time.
ABC'S ITEM NO.
ABC'S DWG NO.
PAGE: 4
SMD LINE FILTER
SF0904□□□□P□-□□□



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com