Electronic Components Datasheet Search
  English  ▼

X  

SF0904510YP Datasheet(PDF) 7 Page - ABC Taiwan Electronics Corp

Part # SF0904510YP
Description  SMD LINE FILTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABC [ABC Taiwan Electronics Corp]
Direct Link  http://www.atec-group.com
Logo ABC - ABC Taiwan Electronics Corp

SF0904510YP Datasheet(HTML) 7 Page - ABC Taiwan Electronics Corp

  SF0904510YP Datasheet HTML 1Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 2Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 3Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 4Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 5Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 6Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 7Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 8Page - ABC Taiwan Electronics Corp SF0904510YP Datasheet HTML 9Page - ABC Taiwan Electronics Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Force of 1.8 Kg for 60 seconds﹒
c) Method D category 3 @ 260℃﹒
b) Method B @ 215℃,category 3﹒
For both Leaded & SMD﹒Electrical Test not required﹒
Magnification 40X﹒Conditions:
Leaded:Method A @ 235℃,category 3﹒
SMD:a) Method B ,4 Hrs @ 155℃ dry heat @ 235℃
1﹒Temperature:-40℃ / +125℃
2﹒Cycles:300 cycles
3﹒Maximum transfer time:20 Sec
4﹒Dwelltime:15 minutes﹒
4﹒PCB:8〞× 5〞× 0.31〞
3﹒Test from:10 - 2000 Hz
2﹒Cycles:12 cycles
1﹒Time:5 g for 20 min
Add Aqueous wash chemical﹒OKEM Clean or equivalent﹒
Conditions:(a) 910 g
(b) 1.13 Kg
(c) 1.45 Kg - mm
2﹒User(s) and Suppliers spec﹒Electrical Test not required﹒
specification﹒
1﹒Verify physical dimensions to the applicable device detail
2﹒Electrical Test not required﹒
1﹒Inspect device construction,marking and workmanship﹒
2﹒Time:1000 Hr
1﹒Temperature:85℃ / 85% RH
2﹒Cycles:1 cycles
1﹒Time:24 Hr
2﹒Cycles:1000 cycles
-40
to +85
℃℃
-40
to +105
℃℃
1﹒Temperature:
-40℃ to +125℃
2﹒Time:1000 Hr
1﹒Temperature:
125℃
105℃
85℃
1﹒Temperature:
125℃
105℃
85℃
2﹒Time:1000 Hr
SPECIFICATION FOR APPROVAL
Ⅸ﹒RELIABILITY TEST FOR AUTOMOTIVE:
JB-100
Pull strength
Solderability
Thermal shock
Resistance to solvents
Terminal strength
( SMD )
Vibration
( Leaded )
JIS-C-6429
J-STD-002
Method 107
MIL-STD-202
Method 204
MIL-STD-202
Method 215
MIL-STD-202
Method 215
MIL-STD-202
Physical Dimension
External Visual
Biased Humidity
Moisture Resistance
Temperature Cycling
Operational Life
High Temperature Exposure
Test item
( Storage )
REF :
PROD.
NAME
Method 2009
MIL-STD-883
Method 103
MIL-STD-202
Method 103
MIL-STD-202
Method
JESD22
MIL-STD-T27
Method 108
MIL-STD-202
JA-104
Method
JESD22
SMD LINE FILTER
Reference
ABC'S DWG NO.
ABC'S ITEM NO.
Test condition
PAGE: 7
SF0904□□□□P□-□□□
AR-001A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com