Electronic Components Datasheet Search
  English  ▼

X  

B41851 Datasheet(PDF) 13 Page - EPCOS

Part # B41851
Description  Aluminum electrolytic capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41851 Datasheet(HTML) 13 Page - EPCOS

Back Button B41851 Datasheet HTML 9Page - EPCOS B41851 Datasheet HTML 10Page - EPCOS B41851 Datasheet HTML 11Page - EPCOS B41851 Datasheet HTML 12Page - EPCOS B41851 Datasheet HTML 13Page - EPCOS B41851 Datasheet HTML 14Page - EPCOS B41851 Datasheet HTML 15Page - EPCOS B41851 Datasheet HTML 16Page - EPCOS B41851 Datasheet HTML 17Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
Technical data and ordering codes
B43851
CR
120 Hz
20
°C
µF
Case dimensions
d
× l
mm
ESRmax
120 Hz
20
°C
Ω
IAC,R
120 Hz
105
°C
mA
IAC,max
120 Hz
85
°C
mA
Ordering code
(composition see
below)
Composition of ordering code
*** = Version
000 = for standard leads, bulk
001 = for kinked leads, bulk (from d
× l = 10 × 20 mm to 18 × 40 mm)
002 = for cut leads, bulk (from d
× l = 10 × 12.5 mm to 22 × 40 mm)
003 = for crimped leads, blister (from d
× l = 16 × 20 mm to 20 × 40 mm)
004 = for J leads, blister (from d
× l = 10 × 12.5 mm to 18 × 35 mm)
008 = for taped leads, Ammo pack, lead spacing F = 5.0 mm (from d
× l = 6.3 × 11 mm to 12.5 × 25 mm)
009 = for taped leads, Ammo pack, lead spacing F = 7.5 mm (from d
× l = 16 × 20 mm to 18 × 31.5 mm)
012 = for bent 90
° leads, blister (for ∅ 16 and 18 mm)
VR = 160 V DC
1
6.3
× 11
186
16
27
B43851A1105M***
2.2
6.3
× 11
85
23
39
B43851A1225M***
3.3
6.3
× 11
56
28
48
B43851A1335M***
4.7
6.3
× 11
40
35
60
B43851F1475M***
10
8
× 11.5
18
56
95
B43851F1106M***
22
10
× 12.5
13
91
155
B43851F1226M***
22
10
× 16
8.4
108
184
B43851A1226M***
33
10
× 16
7.5
125
213
B43851F1336M***
33
10
× 20
5.6
143
243
B43851A1336M***
47
10
× 20
4.9
150
255
B43851K1476M***
47
12.5
× 20
4.5
188
320
B43851F1476M***
68
12.5
× 20
3.0
250
425
B43851K1686M***
100
12.5
× 25
2.3
300
510
B43851F1107M***
100
16
× 25
1.8
332
564
B43851A1107M***
220
16
× 31.5
0.95
532
904
B43851F1227M***
220
18
× 31.5
0.84
560
952
B43851A1227M***
330
18
× 35
0.70
695
1182
B43851F1337M***
470
20
× 40
0.42
910
1547
B43851F1477M***
680
25
× 40
0.34
1000
1700
B43851G1687M***
B43851
Standard series
105
°C
Page 13 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com