Electronic Components Datasheet Search
  English  ▼

X  

B41851 Datasheet(PDF) 3 Page - EPCOS

Part # B41851
Description  Aluminum electrolytic capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41851 Datasheet(HTML) 3 Page - EPCOS

  B41851 Datasheet HTML 1Page - EPCOS B41851 Datasheet HTML 2Page - EPCOS B41851 Datasheet HTML 3Page - EPCOS B41851 Datasheet HTML 4Page - EPCOS B41851 Datasheet HTML 5Page - EPCOS B41851 Datasheet HTML 6Page - EPCOS B41851 Datasheet HTML 7Page - EPCOS B41851 Datasheet HTML 8Page - EPCOS B41851 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Specifications and characteristics in brief
Series
B41851
B43851
Rated voltage VR
6.3 ... 100 V DC
160 ... 450 V DC
Surge voltage VS
1.15
VR
1.1
VR
Rated capacitance CR
0.1 ... 10000 µF
0.47 ... 680 µF
Capacitance tolerance
±20%
M
±20%
M
Dissipation factor tan
δ
(20
°C, 120 Hz)
For capacitance higher than 1000 µF add 0.02 for every increase of
1000 µF.
VR (V DC)
6.3
10
16
25
35
50
63
100 160 ...
450
tan
δ (max.)
0.28 0.24 0.20 0.16 0.14 0.12 0.12 0.10 0.20
Leakage current Ileak
(20
°C, 5 min)
or 3 µA, whichever is greater
Self-inductance ESL
Diameter (mm)
≤ 6.3
8 ... 12.5
16
18
20 ...
25
ESL (nH)
15
20
26
34
40
Useful life
105
°C; V
R; IAC,R
> 2000 h
> 3000 h
40
°C; V
R; 1.8
IAC,R
> 250000 h
40
°C; V
R; 2.1
IAC,R
> 250000 h
Requirements
∆C/C
≤ ±45% of initial value
tan
δ
≤ 3 times initial specified limit
Ileak
≤ initial specified limit
Voltage endurance test
105
°C; V
R
1000 h
1000 h
Post test requirements
∆C/C
≤ ±30% of initial value
tan
δ
≤ 2 times initial specified limit
Ileak
≤ initial specified limit
Vibration resistance test
To IEC 60068-2-6, test Fc:
Displacement amplitude 1.5 mm, frequency range 10 ... 2000 Hz,
acceleration max. 20 g, duration 3
× 2 h.
Capacitor rigidly clamped by the aluminum case.
IEC climatic category
To IEC 60068-1:
VR
≤ 250 V: 40/105/56 ( 40 °C/+105 °C/56 days damp heat test)
VR
≥ 350 V: 25/105/56 ( 25 °C/+105 °C/56 days damp heat test)
Sectional specification
IEC 60384-4
B41851, B43851
Standard series
105
°C
Page 3 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com