Electronic Components Datasheet Search
  English  ▼

X  

B41851 Datasheet(PDF) 19 Page - EPCOS

Part # B41851
Description  Aluminum electrolytic capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41851 Datasheet(HTML) 19 Page - EPCOS

Back Button B41851 Datasheet HTML 15Page - EPCOS B41851 Datasheet HTML 16Page - EPCOS B41851 Datasheet HTML 17Page - EPCOS B41851 Datasheet HTML 18Page - EPCOS B41851 Datasheet HTML 19Page - EPCOS B41851 Datasheet HTML 20Page - EPCOS B41851 Datasheet HTML 21Page - EPCOS B41851 Datasheet HTML 22Page - EPCOS B41851 Datasheet HTML 23Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Taping, packing and lead configurations
Taping
Single-ended capacitors are available taped in Ammo pack from diameter 5 to 18 mm as follows:
Lead spacing F = 2.5 mm (
∅ d = 5 … 6.3 mm)
Lead spacing F = 3.5 mm (
∅ d = 8 mm)
Lead spacing F = 5.0 mm (from d
× l = 10 × 12.5 mm to 12.5 × 30 mm)
Lead spacing F = 7.5 mm (
∅ d = 16 ... 18 mm).
Lead spacing 2.5 mm (
∅ d = 5 ... 6.3 mm)
Last 3 digits of ordering code: 007
Dimensions in mm
∅ d
F
H
W
W0
W1
W2
H0
P
P0
P1
I1
t
∆h
D0
5
2.5
18.5
18.0
5.5
9.0
1.5
16.0
12.7
12.7
5.1
1.0
0.7
1.0
4.0
6.3
Toler-
ance
+0.8
0.2
±0.75 ±0.5 min. ±0.5 max. ±0.5 ±1.0 ±0.2 ±0.5 max. ±0.2 max. ±0.2
B41851, B43851
Standard series
105
°C
Page 19 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com