Electronic Components Datasheet Search
  English  ▼

X  

B41851 Datasheet(PDF) 4 Page - EPCOS

Part # B41851
Description  Aluminum electrolytic capacitors
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B41851 Datasheet(HTML) 4 Page - EPCOS

  B41851 Datasheet HTML 1Page - EPCOS B41851 Datasheet HTML 2Page - EPCOS B41851 Datasheet HTML 3Page - EPCOS B41851 Datasheet HTML 4Page - EPCOS B41851 Datasheet HTML 5Page - EPCOS B41851 Datasheet HTML 6Page - EPCOS B41851 Datasheet HTML 7Page - EPCOS B41851 Datasheet HTML 8Page - EPCOS B41851 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
Dimensional drawings
With stand-off rubber seal
Diameters (mm):
6.3, 10, 12.5, 16, 18, 22, 25
With flat rubber seal
Diameters (mm):
5, 8, 20
Safety vent for diameter
≥6.3 mm.
Dimensions and weights
Dimensions (mm)
Approx. weight
d +0.5
l
a
±0.5
b
g
5
11 +1.0
2.0
0.50
±0.05
0.5
6.3
11 +1.0
2.5
0.50
±0.05
0.7
8
11.5 +1.5
3.5
0.60
±0.05
1.0
10
12.5 +1.0
5.0
0.60
±0.05
1.6
10
16 +1.0
5.0
0.60
±0.05
1.9
10
20 +2.0
5.0
0.60
±0.05
2.6
12.5
20 +2.0
5.0
0.60
±0.05
3.6
12.5
25 +2.0
5.0
0.60
±0.05
4.5
16
20 +2.0
7.5
0.80
±0.05
5.5
16
25 +2.0
7.5
0.80
±0.05
7.5
16
31.5 +2.0
7.5
0.80
±0.05
7.8
18
31.5 +2.0
7.5
0.80
±0.1
11.0
18
35 +2.0
7.5
0.80
±0.1
13.0
18
40 +2.0
7.5
0.80
±0.1
16.0
20
35 +2.0
10.0
1.0
±0.1
18.0
20
40 +2.0
10.0
1.0
±0.1
20.0
22
40 +2.0
10.0
1.0
±0.1
23.0
25
40 +2.0
12.5
1.0
±0.1
25.0
B41851, B43851
Standard series
105
°C
Page 4 of 36
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com