Electronic Components Datasheet Search
  English  ▼

X  

MAX3160 Datasheet(PDF) 18 Page - Maxim Integrated Products

Part # MAX3160
Description  3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3160 Datasheet(HTML) 18 Page - Maxim Integrated Products

Back Button MAX3160 Datasheet HTML 14Page - Maxim Integrated Products MAX3160 Datasheet HTML 15Page - Maxim Integrated Products MAX3160 Datasheet HTML 16Page - Maxim Integrated Products MAX3160 Datasheet HTML 17Page - Maxim Integrated Products MAX3160 Datasheet HTML 18Page - Maxim Integrated Products MAX3160 Datasheet HTML 19Page - Maxim Integrated Products MAX3160 Datasheet HTML 20Page - Maxim Integrated Products MAX3160 Datasheet HTML 21Page - Maxim Integrated Products MAX3160 Datasheet HTML 22Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
+3.0V to+5.5V, 1µA, RS-232/RS-485/422
Multiprotocol Transceivers
18
______________________________________________________________________________________
ceivers to be connected in parallel on one communica-
tion line. The MAX3161/MAX3162 have a 1/8-unit load
receiver input impedance (96k
Ω), allowing up to 256
transceivers to be connected in parallel on one com-
munication line. Any combination of these devices
and/or other RS-485 transceivers with a total of 32-unit
loads or fewer can be connected to the line.
The MAX3160/MAX3161/MAX3162 RS-485 driver out-
puts are 1/8-unit load when disabled This impedance
may be reduced if the D1 pin is toggled at a high fre-
quency. With no power applied (VCC = GND), the RS-
485 transmitter output impedances typically go to 1/2-
unit load on the MAX3161/MAX3162, and to one-unit
load on the MAX3160.
Driver Output Protection
Two mechanisms prevent excessive output current and
power dissipation caused by faults or by bus con-
tention. The first, a foldback current limit on the output
stage, provides immediate protection against short cir-
cuits over the whole common-mode voltage range (see
Typical Operating Characteristics). The second, a ther-
mal shutdown circuit, forces the driver outputs into a
high-impedance state if the die temperature becomes
excessive.
Protection Against Wiring Faults
EIA/TIA-485 standards require a common input voltage
range of -7V to +12V to prevent damage to the device.
The MAX3160/MAX3161/MAX3162 inputs are protected
to RS-232 levels of ±25V for the receiver inputs and
±13.2V for the transmitter/driver outputs. This provides
additional protection for the RS-485 transceivers
against ground differential or faults due to miswiring.
RS-485/422 Reduced EMI and Reflections
The MAX3160/MAX3161/MAX3162 can be configured
for slew-rate limiting by pulling FAST low. This minimizes
EMI and reduces reflections caused by improperly ter-
minated cables. Operation in slew-rate limited mode
reduces the amplitudes of high-frequency harmonics.
SUPPLY VOLTAGE
(V)
C1 (µF)
C2, C3, C4, CBYPASS
(µF)
+3.0 TO +3.6
0.1
0.1
+4.5 TO +5.5
0.047
0.33
+3.0 TO +5.5
0.1
0.47
Table 13. Required Minimum Capacitance
Values
INPUTS
OUTPUT
RS485/RS232
SHDN
HDPLX
A - B
Y(A) - Z(B)
RO/R2OUT
1
0
X
X
X
High-Z up to VCC
110
≥-50mV
X
1
110
≤-200mV
X
0
1
1
0
Floating
X
1
111
X
≥-50mV
1
111
X
≤-200mV
0
1
1
1
X
Floating
1
0
X
X
X
X
RS-232 Mode
Table 11. MAX3161
INPUTS
OUTPUT
SHDN
RE485
A - B
RO
0
X
X
High-Z
X
1
X
High-Z
10
≥-50mV
1
10
≤-200mV
0
1
0
Inputs Open
1
Table 12. MAX3162
Truth Tables (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com