Electronic Components Datasheet Search
  English  ▼

X  

MAX3160 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX3160
Description  3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3160 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX3160 Datasheet HTML 15Page - Maxim Integrated Products MAX3160 Datasheet HTML 16Page - Maxim Integrated Products MAX3160 Datasheet HTML 17Page - Maxim Integrated Products MAX3160 Datasheet HTML 18Page - Maxim Integrated Products MAX3160 Datasheet HTML 19Page - Maxim Integrated Products MAX3160 Datasheet HTML 20Page - Maxim Integrated Products MAX3160 Datasheet HTML 21Page - Maxim Integrated Products MAX3160 Datasheet HTML 22Page - Maxim Integrated Products MAX3160 Datasheet HTML 23Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
+3.0V to+5.5V, 1µA, RS-232/RS-485/422
Multiprotocol Transceivers
______________________________________________________________________________________
21
+
TX
VCC
HDPLX
DI/T1IN
T1OUT
R1OUT
R1IN
DE/T2IN
GND
FAST
SHDN
T2OUT
RO/R2OUT
R2IN
RX
RTS
CTS
13
RS-485/RS-232
12
11
10
19
8
10
17
9
18
Y(A)
RS-485
Z(B)
7
6
1
412
20
5
RJ45
DB9
RS-232
SHDN
μP
MAX3100
214
UART
MAX3161
SPI
Typical Application Circuit
EIA/TIA-232
STANDARD
CONNECTOR
PIN
MAX3160
MAX3161
MAX3162
PIN NUMBER
EQUIVALENT
MAX3160
MAX3161
MAX3162
FUNCTION
(as seen by DTE)
DCD
1
Data Carrier Detect
RD
2
R2IN
13
17
19
Received Data
TD
3
T1OUT
5
5
5
Transmitted Data
DTR
4
Data Terminal Ready
SG
5
GND
4
4
4
Signal Ground
DSR
6
Data Set Ready
RTS
7
T2OUT
6
8
8
Request to Send (= DTE
ready)
CTS
8
R1IN
14
18
20
Clear to Send (= DCE ready)
RI
9
Ring Indicator
Table 14. Cable Connections Commonly Used for EIA/TIA-232 and
V.24 Asynchronous Interfaces



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com