Electronic Components Datasheet Search
  English  ▼

X  

MAX3160 Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX3160
Description  3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3160 Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX3160 Datasheet HTML 2Page - Maxim Integrated Products MAX3160 Datasheet HTML 3Page - Maxim Integrated Products MAX3160 Datasheet HTML 4Page - Maxim Integrated Products MAX3160 Datasheet HTML 5Page - Maxim Integrated Products MAX3160 Datasheet HTML 6Page - Maxim Integrated Products MAX3160 Datasheet HTML 7Page - Maxim Integrated Products MAX3160 Datasheet HTML 8Page - Maxim Integrated Products MAX3160 Datasheet HTML 9Page - Maxim Integrated Products MAX3160 Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
+3.0V to+5.5V, 1µA, RS-232/RS-485/422
Multiprotocol Transceivers
6
_______________________________________________________________________________________
0
20
40
60
80
100
120
140
160
-40
-15
10
35
60
85
SHUTDOWN CURRENT vs. TEMPERATURE
TEMPERATURE (
°C)
0
40
20
80
60
120
100
140
04
6
2
8
10
12
RS-485/422 OUTPUT CURRENT vs.
DRIVER OUTPUT VOLTAGE
OUTPUT LOW VOLTAGE (V)
0
40
20
100
80
60
160
140
120
180
-7
-3
-5
-1
1
3
5
RS-485/422 OUTPUT CURRENT vs.
DRIVER OUTPUT HIGH VOLTAGE
OUTPUT HIGH VOLTAGE (V)
0.001
0.01
1
0.1
10
100
0
1.0
1.5
0.5
2.0
2.5
3.0
3.5
4.0
RS-485/422 DRIVER OUTPUT CURRENT vs.
DIFFERENTIAL OUTPUT VOLTAGE
OUTPUT VOLTAGE (V)
2.5
2.8
2.7
2.6
2.9
3.0
3.1
3.2
3.3
3.4
3.5
-40
10
-15
35
60
85
RS-485/422 DRIVER DIFFERENTIAL OUTPUT
vs. TEMPERATURE
TEMPERATURE (
°C)
R = 50
Ω
0
10
5
20
15
25
30
0
1.5
2.0
0.5
1.0
2.5
3.0
3.5
OUTPUT CURRENT vs. RECEIVER
OUTPUT LOW VOLTAGE
OUTPUT LOW VOLTAGE (V)
Typical Operating Characteristics (continued)
(VCC = +3.3V, 250kbps data rate, 0.1µF capacitors, all RS-232 transmitters (RS-232 mode) loaded with 3k
Ω to ground, TA = +25°C,
unless otherwise noted.)
0
30
20
10
40
50
60
70
80
90
100
0
500
1000
1500
2000
RS-232 TRANSMITTER SLEW RATE
vs. LOAD CAPACITANCE (FAST = VCC)
LOAD CAPACITANCE (pF)
0
20
10
40
30
50
60
0
2000
1000
3000
4000
5000
OPERATING SUPPLY CURRENT vs.
LOAD CAPACITANCE WHEN
TRANSMITTING DATA (RS-232 MODE)
LOAD CAPACITANCE (pF)
1Mbps
250kbps
20kbps
0
1.0
2.0
1.5
2.5
3.0
-40
10
-15
35
60
85
MAX3160/MAX3161
NO-LOAD SUPPLY CURRENT vs.
TEMPERATURE
TEMPERATURE (
°C)
RS-485 MODE
RS-232 MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com