Electronic Components Datasheet Search
  English  ▼

X  

MAX3160 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX3160
Description  3.0V to5.5V, 1μA, RS-232/RS-485/422 Multiprotocol Transceivers
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3160 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX3160 Datasheet HTML 1Page - Maxim Integrated Products MAX3160 Datasheet HTML 2Page - Maxim Integrated Products MAX3160 Datasheet HTML 3Page - Maxim Integrated Products MAX3160 Datasheet HTML 4Page - Maxim Integrated Products MAX3160 Datasheet HTML 5Page - Maxim Integrated Products MAX3160 Datasheet HTML 6Page - Maxim Integrated Products MAX3160 Datasheet HTML 7Page - Maxim Integrated Products MAX3160 Datasheet HTML 8Page - Maxim Integrated Products MAX3160 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
+3.0V to+5.5V, 1µA, RS-232/RS-485/422
Multiprotocol Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +3V to +5.5V, C1–C4 = 0.1µF when tested at +3.3V ±10%; C1 = 0.047µF and C2, C3, C4 = 0.33µF when tested at +5V±10%;
TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: V+ and V- can have maximum magnitudes of 7V, but their absolute difference cannot exceed 13V.
VCC to GND. .............................................................-0.3V to +6V
V+ to GND ................................................................-0.3V to +7V
V- to GND....................................................................0.3V to -7V
V+ - V- (Note 1)....................................................................+13V
Input Voltages
T1IN, T2IN, DI, DE485, RE485, TE232, RE232, SHDN,
FAST, HDPLX, RS485/RS232 to GND. ...............-0.3V to +6V
A, B, R1IN, R2IN to GND ...............................................±25V
Output Voltages
T1OUT, T2OUT, Y, Z to GND......................................±13.2V
R2OUT, R1OUT, RO to GND................-0.3V to (VCC + 0.3V)
Output Short-Circuit Duration
T1OUT, T2OUT, Y, Z ............................................Continuous
Continuous Power Dissipation (TA = +70°C)
20-Pin SSOP (derate 11.9W/°C above +70°C) ..........952mW
24-Pin SSOP (derate 14.9W/°C above +70°C) ........1195mW
28-Pin SSOP (derate 15W/°C above +70°C) ...........1201mW
Operating Temperature Ranges
MAX316_CA_ ....................................................0°C to +70°C
MAX316_EA_ .................................................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DC CHARACTERISTICS
MAX3160/MAX3161, no load,
RS485/ RS232 = GND
1.2
2.5
MAX3160/MAX3161, no load,
RS485/ RS232 = VCC
2.5
5.5
VCC Standby Current
ICC
MAX3162 No Load
3.0
6
mA
VCC Shutdown Current
ICC
SHDN = GND, receiver inputs open or
grounded
110
µA
TRANSMITTER AND LOGIC INPUTS (DI, T1IN, T2IN, DE485,
R
R
R
RE
E
E
E44
4
488
8
855
5
5, TE232, R
R
R
RE
E
E
E22
2
233
3
322
2
2, FAST, HDPLX, SHDN, RS485/R
R
R
RS
S
S
S22
2
233
3
322
2
2)
Logic Input Low
VIL
0.8
V
VCC = +3.3V
2.0
Logic Input High
VIH
VCC = +5V
2.4
V
Logic Input Leakage Current
IINL
±0.01
±1µA
Transmitter Logic Hysteresis
VHYS
0.5
V
RS-232 AND RS-485/422 RECEIVER OUTPUTS (R1OUT, R2OUT, RO)
Receiver Output Voltage Low
VOL
IOUT = 2.5mA
0.4
V
Receiver Output Voltage High
VOH
IOUT = -1.5mA
VCC - 0.6
V
Receiver Output Short Circuit
Current
IOSR
0 < VO < VCC
±20
±60
mA
Receiver Output Leakage
Current
IOZR
Receivers disabled
±0.05
±1µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com