Electronic Components Datasheet Search
  English  ▼

X  

ENC424J600 Datasheet(PDF) 10 Page - Microchip Technology

Part # ENC424J600
Description  Stand-Alone 10/100 Ethernet Controller with SPI or Parallel Interface
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC424J600 Datasheet(HTML) 10 Page - Microchip Technology

Back Button ENC424J600 Datasheet HTML 6Page - Microchip Technology ENC424J600 Datasheet HTML 7Page - Microchip Technology ENC424J600 Datasheet HTML 8Page - Microchip Technology ENC424J600 Datasheet HTML 9Page - Microchip Technology ENC424J600 Datasheet HTML 10Page - Microchip Technology ENC424J600 Datasheet HTML 11Page - Microchip Technology ENC424J600 Datasheet HTML 12Page - Microchip Technology ENC424J600 Datasheet HTML 13Page - Microchip Technology ENC424J600 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 168 page
background image
ENC424J600/624J600
DS39935C-page 8
 2010 Microchip Technology Inc.
OSC1
3
3
I
ANA
25 MHz Crystal Oscillator/Clock Input
OSC2
2
2
O
—
25 MHz Crystal Oscillator Output
PSPCFG0
32
—
I
CMOS
PSP Mode Select 0
PSPCFG1
—
45
I
CMOS
PSP Mode Select 1
PSPCFG2
—
17
I
CMOS
PSP Mode Select 2
PSPCFG3
—
18
I
CMOS
PSP Mode Select 3
PSPCFG4
—
52
I
CMOS
PSP Mode Select 4
RBIAS
11
16
I
ANA
PHY Bias (external resistor) Connection
RD
36
51
I
CMOS
PSP Read Strobe
RW
36
51
I
CMOS
PSP Combined Read/Write Signal
SCK
37
52
I
CMOS
SPI Serial Clock Input
SI
36
51
I
CMOS
SPI Serial Data Input (from Master)
SO
35
50
O
—
SPI Serial Data Out (to Master)
SPISEL
24
34
I
CMOS
SPI/PSP Interface Select
TPIN-
17
27
I
ANA
Differential Ethernet Receive Minus Signal Input
TPIN+
16
26
I
ANA
Differential Ethernet Receive Plus Signal Input
TPOUT-
21
31
O
—
Differential Ethernet Transmit Minus Signal Output
TPOUT+
20
30
O
—
Differential Ethernet Transmit Plus Signal Output
VCAP
43
63
P
—
Regulator External Capacitor connection
VDD
44
21, 47,
64
P
—
Positive 3.3V Power Supply for Digital Logic
VDDOSC
4
4
P
—
Positive 3.3V Power Supply for 25 MHz Oscillator
VDDPLL
12
22
P
—
Positive 3.3V Power Supply for PHY PLL Circuitry
VDDRX
15
25
P
—
Positive 3.3V Power Supply for PHY RX Circuitry
VDDTX
18
28
P
—
Positive 3.3V Power Supply for PHY TX Circuitry
VSS
33, 42
46, 62
P
—
Ground Reference for Digital Logic
VSSOSC
1
1
P
—
Ground Reference for 25 MHz Oscillator
VSSPLL
13
23
P
—
Ground Reference for PHY PLL Circuitry
VSSRX
14
24
P
—
Ground Reference for PHY RX Circuitry
VSSTX
19, 22
29, 32
P
—
Ground Reference for PHY TX Circuitry
WR
35
50
I
CMOS
PSP Write Strobe
WRH
—
48
I
CMOS
PSP Write High Strobe
WRL
—
50
I
CMOS
PSP Write Low Strobe
TABLE 1-2:
ENC424J600/624J600 PINOUT DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin Type
Input
Buffer
Description
44-Pin
64-Pin
Legend: I = Input; O = Output; P = Power; CMOS = CMOS compatible input buffer; ANA = Analog level input/output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com