Electronic Components Datasheet Search
  English  ▼

X  

RK097 Datasheet(PDF) 13 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097
Description  9mm Size Metal Shaft Multi-ganged Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097 Datasheet(HTML) 13 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK097 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
321
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Bushing screw clamp
Type
Number of drive shafts
Model
Photo
Fixing method of bushing
Terminal mounting
Attached switch
Gang error applicable to
Dual-unit parts for audio
volume control purposes
ページ
9mm size metal
shaft snap-in
Single-shaft
RK09L1
The bushing can be screwed down
Horizontal type Vertical type
Without
−40dB to 0dB
3dB max.
323
9mm size metal shaft
multi-ganged
Dual-shaft
RK0971
RK0981
RK0972
Bushing screw clamp
Horizontal type
Rotary switch
※1
Push-on push-off switch
※1
Momentary push switch
※1
327
11mm size metal
shaft reflow
Single-shaft
RK117111
Bushing guide type
Vertical type
Momentary push switch
339
16mm size metal
shaft
RK1631
□1
RK1631
□A
Horizontal type
Without
−40dB to 0dB
3dB max.
348
RK119
343
1.
※1. For the switch attached, the single-shaft or inner shaft of the dual-shaft type can be chosen.
2. The operating temperature range for automotive applications can be raised upon request. Please contact us for
requirements of this kind.
Notes
● Metal Shaft Potentiometers Attached Parts …………………………………………………………………………363
● Metal Shaft Potentiometers Cautions ……………………………………………………………………………364, 365
350
℃ max. 3s max.
350
±10℃
3s
+1
0
350
℃max.3smax.
Motor terminal : 350
$max2smax.
260
±5℃, 5±1s
Manual
soldering
Dip soldering
Please see P.347
Reflow soldering
Page
0.9N
・m
0.5N
・m
5k
Ω≦R< 10kΩ
70dB min.
10k
Ω≦R< 50kΩ
80dB min.
50k
Ω≦R<100kΩ
90dB min.
100k
Ω≦R
100dB min.
Operating emperature range
−10℃ to +70℃
−20℃ to +70℃
−30℃ to +70℃ −40℃ to +85℃ −10℃ to +70℃
0.05W
R
≦10kΩ
20
Ωmax.
10k
Ω< R<50kΩ
30
Ωmax.
50k
Ω≦ R
Nominal total resistance of 0.1% or less
R
≦10kΩ 50Ωmax.
10k
Ω<R≦50kΩ 80Ωmax.
50k
Ω<R
Nominaltotalresistanceof0.2%orless
R
≦10kΩ 20Ωmax.
10k
Ω<R≦50kΩ 30max.
50k
Ω<R
Nominaltotalresistanceof0.1%orless
100M
Ω min. 250V DC
100M
Ω min.
500V DC
300V AC for 1minute
500V AC
for 1minute
0.5N
・m(With push-lock mechanism type: 0.4N·m)
80N max.
10 to 55 to 10Hz/min., the amplitude is 1.5mm for all the frequencies, in the 3 direction of X, Y and Z and for 2 hours respectively
−20℃±2℃
for 96h
−30±2℃ for 96h
−40±2℃
for 240h
−20±2
for 96h
70
±2℃ for 96h
70
±2℃
for 96h
85
±2℃
for 240h
40
±2℃, 90 to 95%RH for 96h
40
±2℃,
90
to 95%RH for 96h
60
±2℃,
90
to 95%RH for 240h
100N max.
Rated power
Residual
resistance
Maximum
attenuation
(Volume
control
)
Insulation
resistance
Voltage
proof
Stopper strength
Push-pull strength
Vibration
Cold
Dry heat
Damp heat
11mm size metal
shaft low-profile
Items
RK097
RK117
RK119
Single pole and single throw
(Push on)
Contact arrangement
0.5
1.5
0.5
1.5
0.5
±0.3
1.5
±0.5
4 +4
−2
5
±2
6
±3
5
±2
4
±2
Travel
(mm)
Operating force
(N)
0.5A 12V DC
3A 16V DC
Rating
100m
Ωfor initial period;200mΩafter operating life
0.1A 5V DC
(1mA 5V DC min.ratings)
Contact resistance
10,000 times
min.
20,000 times
min.
10,000 times
min.
20,000 times
min.
100,000
times min.
20,000 times
min.
Operating life
Push-on Switch Specifications
List of Varieties
Metal Shaft Potentiometers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com