Electronic Components Datasheet Search
  English  ▼

X  

RK097 Datasheet(PDF) 7 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097
Description  9mm Size Metal Shaft Multi-ganged Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097 Datasheet(HTML) 7 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK097 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
333
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
9mm Size Metal Shaft Multi-ganged Type
RK097/RK098 Series
Dimensions
No.
13
Dual-shaft, dual-unit
RK0972210
Photo
Style
PC board mounting
hole dimensions
(Viewed from mounting side)
12.05
20
10
0.8 M7G0.75
R1
R2
60û
9.5
0.912 3
Shaft shown in
full CCW position
5
4
8
5
5
Mounting
surface
6-¿1 holes
14
Dual-shaft, dual-unit
RK0972210
12.05
25
15
0.8 M7G0.75
R1
R2
60û
9.5
0.912 3
Shaft shown in
full CCW position
7
5
8
5
5
Mounting
surface
6-¿1 holes
Unit:mm
Dimensions of Terminal
9.5
2
3
1
5
6.7
4
3
2
1
5
9.5
0.3
0.74
※
Mounting height (H): 6.5mm(10mm and12.5mm also
available upon request.)
※
For single-unit type with tap is only available with H=6.5mm.
※
Tapis on the terminal 3 side only.
Detail of 2 terminal belong part
Outline drawing without tap
Outline drawing with tap
Unit:mm
Unit:mm
Dimensions of Bushings
Bushing
M6
M7
M9
Dimensions
Applications
For single-shaft only
For single and dual-shaft
For dual-shaft only
x
x
Y
0.8
M6G0.75
M7G0.75
Y
X
Y
2
Detail
A
A
Y
X
M9G0.75
Product Varieties
In addition to the recommended products, the following specifications can also be accommodated.
Metal Shaft Potentiometer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com