Electronic Components Datasheet Search
  English  ▼

X  

RK097 Datasheet(PDF) 8 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097
Description  9mm Size Metal Shaft Multi-ganged Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097 Datasheet(HTML) 8 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK097 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
334
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Refer to P.338, 502 for resistance taper.
In addition to the recommended products, the following specifications can also be accommodated.
Total Resistance Variety
Total resistance
(kΩ)
10
20
50
100
Resistance Taper
Resistance taper
15A
1B
3B
15C
Dimension of Dual-shaft Type
Flat type for inner shaft, slotted type for outer shaft
L1
C0.5
M9G0.75
Shaft shown in full CCW
position.
C1
R2
LB
L2
60û
R1
L1
C0.5
M7G0.75
C0.5
R2
LB
L2
R1
Shaft shown in full CCW
position.
60û
Detail dimensions
L1
L2
LB
R1
R2
20
25
30
35
10
15
20
25
5
7
10
10
8
8
8
8
4
5
5
5
Detail dimensions
L1
L2
LB
R1
R2
20
25
30
35
10
15
20
25
5
7
10
10
8
8
8
8
4
5
5
5
Unit:mm
Applications
Both switchless and rotary switch models are available.
Single-shaft Dimension
Flat type
Style
(Shaft diameter:
φ6)
Style
(Shaft diameter:
φ3.5)
Style
(Inner-shaft:
φ6
Outer-shaft
:
φ8)
Style
(Inner-shaft:
φ3.5
Outer-shaft
:
φ6)
L1
LB
R
M7G0.75
C1
60û
Shaft shown in full CCW
position.
Detail dimensions
L1
LB
R
15
5
7
20
7
12
(10)
25
10
12
30
10
12
Models in parenthesis apply to those with a push-on
switch and those with a push-on, push-off switch.
Detail dimensions
L1
LB
R
15
5
7
20
7
12
(10)
25
10
12
30
10
12
Models in parenthesis apply to those with a push-on
switch and those with a push-on, push-off switch.
L1
M6G0.75
LB
R
C0.5
60û
Shaft shown in full CCW
position.
Unit:mm
Can be fitted with center-taps.
Note
Product Varieties
9mm Size Metal Shaft Multi-ganged Type Potentiometer
marked are specifications recommended by ALPS.
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com