Electronic Components Datasheet Search
  English  ▼

X  

RK097 Datasheet(PDF) 10 Page - ALPS ELECTRIC CO.,LTD.

Part # RK097
Description  9mm Size Metal Shaft Multi-ganged Type
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

RK097 Datasheet(HTML) 10 Page - ALPS ELECTRIC CO.,LTD.

Back Button RK097 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 7Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 8Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 9Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 10Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 11Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 12Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 13Page - ALPS ELECTRIC CO.,LTD. RK097 Datasheet HTML 14Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
336
Metal
Shaft
Insulated
Shaft
Knob
Operating
Slide
Potentiometers
Rotary
Potentiometers
Specification for Switches
Mechanical Characteristics
Switch type
Pole-position
Rating
Operating force
Changeover angle
(travel)
Rotary switch
5R1211
5R1212
5R2412
5R2421
5R4211
5R4611
Push-on Push-off
switch
Momentary push
switch
SPST
SPDT
DPST
SPST
3A 16V DC
1A 16V DC
3A 16V DC
0.5A 12V DC
50mN
・m max.
12
±8N
4N
5
±2N
50
°max.
1.5mm
0.5mm
1.5mm
Electrical Characteristics
Model
Contact resistance
Insulation resistance
Voltage proof
5R1211, 5R1212
5R2412, 5R2421
5R4211, 5R4611
100m
Ωfor initial period,
200m
Ωafter operating life
100M
Ω min.
Measured with a 250V DC
insulation tester
300V AC
1 minute min.
Durability
Operating life
under load
The switch under a rated resistance load shall be subjected to a total of 10,000 cycles of
operation at a speed of 600 to 1,000 cycles per hour.
The contact resistance after testing should not exceed 200m
Ω.
The switch under a rated resistance load shall be subjected to a total of 20,000 cycles of
operation at a speed of 600 to 1,000 cycles per hour.
The contact resistance after testing should not exceed 200m
Ω.
The operating current should be 10mA or greater.
Note
9mm Size Metal Shaft Multi-ganged Type Potentiometer
+4
−2
5R1211,5R1212
5R2412,5R2421
5R4211
5R4611



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com