Electronic Components Datasheet Search
  English  ▼

X  

PCA9536DP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PCA9536DP Datasheet HTML 2Page - NXP Semiconductors PCA9536DP Datasheet HTML 3Page - NXP Semiconductors PCA9536DP Datasheet HTML 4Page - NXP Semiconductors PCA9536DP Datasheet HTML 5Page - NXP Semiconductors PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors PCA9536DP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
6 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
6.1.5 Register 3 - Configuration register
This register configures the directions of the I/O pins. If a bit in this register is set, the
corresponding port pin is enabled as an input with high-impedance output driver. If a bit in
this register is cleared, the corresponding port pin is enabled as an output. At reset, the
I/Os are configured as inputs with a weak pull-up to VDD.
‘Not used’ bits can be programmed with either logic 0 or logic 1.
6.2 Power-on reset
When power is applied to VDD, an internal Power-On Reset (POR) holds the PCA9536 in
a reset condition until VDD has reached VPOR. At that point, the reset condition is released
and the PCA9536 registers and state machine will initialize to their default states.
Thereafter, VDD must be lowered below 0.2 V to reset the device.
For a power reset cycle, VDD must be lowered below 0.2 V and then restored to the
operating voltage.
6.3 I/O port
When an I/O is configured as an input, FETs Q1 and Q2 are off, creating a
high-impedance input with a weak pull-up (100 k
Ω typical) to V
DD. The input voltage may
be raised above VDD to a maximum of 5.5 V.
If the I/O is configured as an output, then either Q1 or Q2 is enabled, depending on the
state of the Output Port register. Care should be exercised if an external voltage is applied
to an I/O configured as an output because of the low-impedance paths that exist between
the pin and either VDD or VSS.
Table 7.
Register 3 - Configuration register bit description
Legend: * default value
Bit
Symbol
Access
Value
Description
7
C7
R/W
1*
not used
6C6
R/W
1*
5C5
R/W
1*
4C4
R/W
1*
3
C3
R/W
1*
configures the directions of the I/O pins
0 = corresponding port pin enabled as an output
1 = corresponding port pin configured as input
(default value)
2C2
R/W
1*
1C1
R/W
1*
0C0
R/W
1*



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com