Electronic Components Datasheet Search
  English  ▼

X  

PCA9536DP Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PCA9536DP Datasheet HTML 12Page - NXP Semiconductors PCA9536DP Datasheet HTML 13Page - NXP Semiconductors PCA9536DP Datasheet HTML 14Page - NXP Semiconductors PCA9536DP Datasheet HTML 15Page - NXP Semiconductors PCA9536DP Datasheet HTML 16Page - NXP Semiconductors PCA9536DP Datasheet HTML 17Page - NXP Semiconductors PCA9536DP Datasheet HTML 18Page - NXP Semiconductors PCA9536DP Datasheet HTML 19Page - NXP Semiconductors PCA9536DP Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
16 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
Fig 18. Package outline SOT908-1 (HVSON8)
0.5
0.2
1
0.05
0.00
A1
Eh
b
UNIT
D(1)
y
e
1.5
e1
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
3.1
2.9
cDh
1.65
1.35
y1
3.1
2.9
2.25
1.95
0.3
0.2
0.05
0.1
DIMENSIONS (mm are the original dimensions)
SOT908-1
MO-229
E(1)
0.5
0.3
L
0.1
v
0.05
w
SOT908-1
HVSON8: plastic thermal enhanced very thin small outline package; no leads;
8 terminals; body 3 x 3 x 0.85 mm
A(1)
max.
05-09-26
05-10-05
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
X
terminal 1
index area
B
A
D
E
detail X
A
A1
c
C
y
C
y1
exposed tie bar (4
×)
exposed tie bar (4
×)
b
terminal 1
index area
e1
e
A
C
B
v M
C
w M
Eh
Dh
L
14
5
8
0
1
2 mm
scale



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com