Electronic Components Datasheet Search
  English  ▼

X  

PCA9536DP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 1 Page - NXP Semiconductors

  PCA9536DP Datasheet HTML 1Page - NXP Semiconductors PCA9536DP Datasheet HTML 2Page - NXP Semiconductors PCA9536DP Datasheet HTML 3Page - NXP Semiconductors PCA9536DP Datasheet HTML 4Page - NXP Semiconductors PCA9536DP Datasheet HTML 5Page - NXP Semiconductors PCA9536DP Datasheet HTML 6Page - NXP Semiconductors PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1.
General description
The PCA9536 is an 8-pin CMOS device that provides 4 bits of General Purpose parallel
Input/Output (GPIO) expansion for I2C-bus/SMBus applications and was developed to
enhance the NXP Semiconductors family of I2C-bus I/O expanders. I/O expanders
provide a simple solution when additional I/O is needed for ACPI power switches,
sensors, push buttons, LEDs, fans, etc.
The PCA9536 consists of a 4-bit Configuration register (input or output selection), 4-bit
Input Port register, 4-bit Output Port register and a 4-bit Polarity Inversion register
(active HIGH or active LOW operation). The system master can enable the I/Os as either
inputs or outputs by writing to the I/O configuration bits. The data for each input or output
is kept in the corresponding Input Port or Output Port register. The polarity of the read
register can be inverted with the Polarity Inversion register. All registers can be read by
the system master.
The power-on reset sets the registers to their default values and initializes the device state
machine.
The I2C-bus address is fixed and allows only one device on the same I2C-bus/SMBus.
2.
Features
4-bit I2C-bus GPIO
Operating power supply voltage range of 2.3 V to 5.5 V
5 V tolerant I/Os
Polarity Inversion register
Low standby current
Noise filter on SCL/SDA inputs
No glitch on power-up
Internal power-on reset
4 I/O pins which default to 4 inputs with 100 k
Ω internal pull-up resistor
0 Hz to 400 kHz clock frequency
ESD protection exceeds 2000 V HBM per JESD22-A114, 200 V MM per
JESD22-A115 and 1000 V CDM per JESD22-C101
Latch-up testing is done to JEDEC Standard JESD78 which exceeds 100 mA
Packages offered: SO8, TSSOP8 (MSOP8), HVSON8
PCA9536
4-bit I2C-bus and SMBus I/O port
Rev. 05 — 25 January 2010
Product data sheet


Similar Part No. - PCA9536DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536DP PHILIPS-PCA9536DP Datasheet
153Kb / 16P
4-bit I2C and SMBus I/O port
2004 Aug 20
More results

Similar Description - PCA9536DP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PCA9536 PHILIPS-PCA9536 Datasheet
153Kb / 16P
4-bit I2C and SMBus I/O port
2004 Aug 20
PCA9555 NXP-PCA9555 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9554 NXP-PCA9554 Datasheet
187Kb / 30P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 07-13 November 2006
PCA9554D,112 NXP-PCA9554D,112 Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
PCA9555 NXP-PCA9555_13 Datasheet
583Kb / 34P
16-bit I2C-bus and SMBus I/O port with interrupt
Rev. 08-22 October 2009
PCA9554PW-T NXP-PCA9554PW-T Datasheet
590Kb / 35P
8-bit I2C-bus and SMBus I/O port with interrupt
Rev. 9-19 March 2013
logo
ON Semiconductor
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
Pericom Semiconductor C...
PI4IOE5V9555 PERICOM-PI4IOE5V9555 Datasheet
127Kb / 1P
16-bit I2C-bus and SMBus I/O port with interrupt
logo
ON Semiconductor
CAT9554 ONSEMI-CAT9554_11 Datasheet
157Kb / 14P
8-bit I2C and SMBus I/O Port
June, 2011 ??Rev. 6
PCA9554 ONSEMI-PCA9554 Datasheet
103Kb / 11P
8-bit I2C and SMBus I/O Port
November, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com