Electronic Components Datasheet Search
  English  ▼

X  

PCA9536DP Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PCA9536DP
Description  4-bit I2C-bus and SMBus I/O port
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9536DP Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PCA9536DP Datasheet HTML 7Page - NXP Semiconductors PCA9536DP Datasheet HTML 8Page - NXP Semiconductors PCA9536DP Datasheet HTML 9Page - NXP Semiconductors PCA9536DP Datasheet HTML 10Page - NXP Semiconductors PCA9536DP Datasheet HTML 11Page - NXP Semiconductors PCA9536DP Datasheet HTML 12Page - NXP Semiconductors PCA9536DP Datasheet HTML 13Page - NXP Semiconductors PCA9536DP Datasheet HTML 14Page - NXP Semiconductors PCA9536DP Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
PCA9536_5
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 05 — 25 January 2010
11 of 22
NXP Semiconductors
PCA9536
4-bit I2C-bus and SMBus I/O port
9.
Static characteristics
[1]
VDD must be lowered to 0.2 V in order to reset part.
[2]
Each I/O must be externally limited to a maximum of 25 mA and the device must be limited to a maximum current of 100 mA.
[3]
The total current sourced by all I/Os must be limited to 85 mA.
Table 9.
Static characteristics
VDD = 2.3 V to 5.5 V; VSS =0V; Tamb = −40 °C to +85 °C; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
2.3
-
5.5
V
IDD
supply current
operating mode; VDD =5.5 V;
no load; fSCL = 100 kHz
-
290
400
μA
Istb
standby current
Standby mode; VDD = 5.5 V; no load;
VI =VSS; fSCL = 0 kHz; I/O = inputs
-
225
350
μA
Standby mode; VDD = 5.5 V; no load;
VI =VDD; fSCL = 0 kHz; I/O = inputs
-0.25
1
μA
VPOR
power-on reset voltage
[1] -
1.5
1.65
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-5.5
V
IOL
LOW-level output current
VOL =0.4 V
3
6
-
mA
IL
leakage current
VI =VDD =VSS
−1-
+1
μA
Ci
input capacitance
VI =VSS
-
6
10
pF
I/Os
VIL
LOW-level input voltage
−0.5
-
+0.8
V
VIH
HIGH-level input voltage
2.0
-
5.5
V
IOL
LOW-level output current
VOL =0.5 V; VDD =2.3 V
[2] 810
-
mA
VOL =0.7 V; VDD =2.3 V
[2] 10
13
-
mA
VOL =0.5 V; VDD =3.0 V
[2] 814
-
mA
VOL =0.7 V; VDD =3.0 V
[2] 10
19
-
mA
VOL =0.5 V; VDD =4.5 V
[2] 817
-
mA
VOL =0.7 V; VDD =4.5 V
[2] 10
24
-
mA
VOH
HIGH-level output voltage
IOH = −8mA; VDD =2.3 V
[3] 1.8
-
-
V
IOH = −10 mA; VDD =2.3 V
[3] 1.7
-
-
V
IOH = −8mA; VDD =3.0 V
[3] 2.6
-
-
V
IOH = −10 mA; VDD =3.0 V
[3] 2.5
-
-
V
IOH = −8mA; VDD =4.75V
[3] 4.1
-
-
V
IOH = −10 mA; VDD =4.75V
[3] 4.0
-
-
V
ILIH
HIGH-level input leakage
current
VDD =3.6 V; VI =VDD
--
1
μA
ILIL
LOW-level input leakage
current
VDD =5.5 V; VI =VSS
--
−100
μA
Ci
input capacitance
-
3.7
5
pF
Co
output capacitance
-
3.7
5
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com