Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604 Datasheet(HTML) 7 Page - Texas Instruments

Back Button DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments DRV604 Datasheet HTML 10Page - Texas Instruments DRV604 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
1
3
1.5
2
2.5
0.0001
10
0.001
0.01
0.1
1
V -OutputVoltage-V
O
V =3.3V,
Load=5k ,
LinearScale=1kHz,
OutputsinPhase=1kHz
I
W
40m
4
100m
200m
500m
1
2
V -OutputVoltage-V
O
0.0001
10
0.001
0.01
0.1
1
V =3.3V,
Load=5k
to100k ,
OutputinPhase=1kHz
I
W
W
0.0001
10
0.001
0.01
0.1
1
20
20k
50
100
200
500
1k
2k
5k
f-Frequency-Hz
V =3.3V,
Load=5k ,
2Vrms
I
W
-120
0
-100
-80
-60
-40
-20
20
20k
50
100
200
500
1k
2k
5k
f-Frequency-Hz
V =3.3V,
Load=5k ,
2Vrms
I
W
L toR
RtoL
-100
0
-80
-60
-40
-20
20
20k
50
100
200
500
1k
2k
5k
f-Frequency-Hz
V =3.3V,
LineLoad=5k ,
32
HP Load,40mW
I
W
W
HP tolineright
HP tolineleft
-100
0
-80
-60
-40
-20
20
20k
50
100
200
500
1k
2k
5k
f-Frequency-Hz
200mVVppsupplyripple=70mVVrms
Amplifieroutput-relativeto70mV
V =3.3V,
200mVVppRippleonPSU,
LineLoad=
,32
HP Load
I
W
5kW
DRV604
www.ti.com
SLOS659 – JANUARY 2010
TYPICAL CHARACTERISTICS, LINE DRIVER
THD+N vs OUTPUT VOLTAGE
THD+N vs OUTPUT VOLTAGE, LINEAR SCALE
Figure 1.
Figure 2.
THD+N vs FREQUENCY
CHANNEL SEPARATION
Figure 3.
Figure 4.
HP TO LD CROSSTALK
AC PSRR, Ksvr
Figure 5.
Figure 6.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com