Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604 Datasheet(HTML) 12 Page - Texas Instruments

Back Button DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments DRV604 Datasheet HTML 10Page - Texas Instruments DRV604 Datasheet HTML 11Page - Texas Instruments DRV604 Datasheet HTML 12Page - Texas Instruments DRV604 Datasheet HTML 13Page - Texas Instruments DRV604 Datasheet HTML 14Page - Texas Instruments DRV604 Datasheet HTML 15Page - Texas Instruments DRV604 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
- In
DifferentialInput
InvertingInput
DRV604
R1
R1
R2
R2
+
-
C3
C3
R3
R3
C1
C1
C2
+ In
- In
DRV604
R1
R2
+
-
C3
R3
C1
C2
SupplyRamp
Supply
EN_xx
Timeforac-coupling
capacitorstocharge
DRV604
SLOS659 – JANUARY 2010
www.ti.com
Using the DRV604 as a 2nd order filter
Several audio DACs used today require an external low-pass filter to remove out of band noise. This is possible
with the DRV604 as it can be used like a standard OPAMP. Several filter topologies can be implemented both
single ended and differential. In the figure below a Multi Feed Back (MFB), with differential input and single
ended input is shown.
An AC-coupling capacitor to remove dc-content from the source is shown, it serves to block any dc content from
the source and lowers the dc-gain to 1 helping reducing the output dc-offset to minimum.
The component values can be calculated with the help of the TI FilterPro™ program available on the TI website
at:
http://focus.ti.com/docs/toolsw/folders/print/filterpro.html
Figure 15. 2nd Order Active Low Pass Filter
The resistor values should have a low value for obtaining low noise, but should also have a high enough value to
get a small size ac-coupling cap. C2 can be split in two with the midpoint connected to GND, this can increase
the common-mode attenuation.
Pop-Free Power Up
Pop-free power up is ensured by keeping the EN_LD and EN_HP and/or Ex_UVP low during power supply ramp
up and down. The pins should be kept low until the input AC-coupling capacitors are fully charged before
asserting the EN_xx pins high, this way proper pre-charge of the ac-coupling is performed and pop-less
power-up is achieved. Figure 16 illustrates the preferred sequence.
Figure 16. Power-Up/Down Sequence
12
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s) :DRV604



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com