Electronic Components Datasheet Search
  English  ▼

X  

DRV604 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # DRV604
Description  DirectPath??2Vrms Line Driver and HP Amp With Adjustable Gain
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV604 Datasheet(HTML) 1 Page - Texas Instruments

  DRV604 Datasheet HTML 1Page - Texas Instruments DRV604 Datasheet HTML 2Page - Texas Instruments DRV604 Datasheet HTML 3Page - Texas Instruments DRV604 Datasheet HTML 4Page - Texas Instruments DRV604 Datasheet HTML 5Page - Texas Instruments DRV604 Datasheet HTML 6Page - Texas Instruments DRV604 Datasheet HTML 7Page - Texas Instruments DRV604 Datasheet HTML 8Page - Texas Instruments DRV604 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SOC
DRV604
Headphone
RIGHT
-
+
DAC
-
+
DAC
-
+
DAC
-
+
DAC
LEFT
LineDriver
DRV604
www.ti.com
SLOS659 – JANUARY 2010
DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
Check for Samples: DRV604
1
FEATURES
APPLICATIONS
•
LCD and PDP TV
23
•
DirectPath™
•
Blu-ray Disc™, DVD Players
–
Eliminates Pop/Clicks
•
Mini/Micro Combo Systems
–
Eliminate Output DC-Blocking Capacitors
•
Soundcards
•
3.0V to 3.7V Supply Voltage
•
Low Noise and THD
DESCRIPTION
–
SNR > 109dB
The DRV604 is a 2Vrms Pop-Free stereo line driver
–
Typical Vn < 7µVrms 20–20kHz
with stereo headphone output designed to allow the
–
THD+N < 0.002% at 10k
Ω
removal of the output DC-blocking capacitors for
reduced component count and cost. The device is
•
Output Voltage into 5k
Ω Load
ideal for single supply electronics where size and cost
–
2Vrms at 3.3V Supply Voltage
are critical design parameters.
•
Stereo DirectPath™ Headphone:
Designed
using
TI’s
patented
DirectPath™
–
40mW into 32
Ω at 3.3V Supply Voltage
technology, The DRV604 is capable of driving 2 Vrms
–
16
Ω to ∞ Ω Stable Load Range
into a 5k
Ω load. The headphone output can generate
a clean 40mW into 32
Ω load from a 3.3V supply.. The
•
Differential Input
device has differential inputs and uses external gain
•
Power Sense UVP for Brown Out Protection
setting resistors that supports a gain range of -1V/V
•
Short Circuit and Thermal Protection
to -10V/V. Headphone and line outputs have ±8kV
IEC ESD protection enabling a simple ESD protection
•
±8kV IEC ESD Protection
circuit. The DRV604 has built-in enable control for
•
Footprint Compatible with DRV602 and
pop-free on/off control. DRV604 can monitor an
DRV603
external supply voltage using its built in comparator
•
Supports Dual Line Driver Configuration
enabling it to shut down during a brown out condition
before up stream audio DAC’s can produce click and
pop artifacts.
Using the DRV604 in audio products can reduce
component
count
considerably
compared
to
traditional methods of generating headphone output
and 2Vrms output. The DRV604 does not require a
power supply greater than 3.3V to generate its
5.6Vpp output, nor does it require a split rail power
supply. The DRV604 integrates its own charge pump
to generate a negative supply rail that provides a
clean, pop-free ground biased 2Vrms output.
The DRV604 is available in a 28-pin HTSSOP. For a
stereo line driver with no HP amp see DRV603.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DirectPath, FilterPro are trademarks of Texas Instruments.
3
Blu-ray Disc is a trademark of Blu-ray Disc Association.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - DRV604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV604 TI2-DRV604 Datasheet
482Kb / 24P
DRV632 DirectPath™, 2-VRMS Audio Line Driver With Adjustable Gain
REVISED AUGUST 2019
DRV604 TI2-DRV604 Datasheet
885Kb / 21P
DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
REVISED APRIL 2010
DRV604 TI2-DRV604 Datasheet
840Kb / 31P
DRV612 2-Vrms DirectPath™ Line Driver With Programmable-Fixed Gain
REVISED JULY 2016
DRV604PWP TI2-DRV604PWP Datasheet
885Kb / 21P
DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
REVISED APRIL 2010
DRV604PWP.A TI2-DRV604PWP.A Datasheet
885Kb / 21P
DirectPath™ 2Vrms Line Driver and HP Amp With Adjustable Gain
REVISED APRIL 2010
More results

Similar Description - DRV604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV601 TI-DRV601 Datasheet
552Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV601 TI-DRV601_08 Datasheet
548Kb / 16P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602 Datasheet
243Kb / 12P
DIRECTPATH?? 2Vrms Line Driver with Adjustable gain
DRV603 TI1-DRV603 Datasheet
637Kb / 21P
DirectPath?? 3-VRMS Line Driver With Adjustable Gain
DRV632PW TI1-DRV632PW Datasheet
604Kb / 19P
DirectPath?? 2-VRMS Audio Line Driver With Adjustable Gain
DRV632PWR TI-DRV632PWR Datasheet
604Kb / 19P
DirectPath, 2-VRMS Audio Line Driver With Adjustable Gain
DRV601 TI-DRV601_15 Datasheet
908Kb / 19P
DIRECTPATH??STEREO LINE DRIVER, ADJUSTABLE GAIN
DRV602 TI-DRV602_15 Datasheet
788Kb / 16P
DirectPath?? Pop-Free 3Vrms Line Driver with Adjustable Gain
TPA6138A2 TI1-TPA6138A2_17 Datasheet
918Kb / 22P
DirectPath Headphone Driver With Adjustable Gain
logo
TECHCODE SEMICONDUCTOR,...
TD9731 TECHCODE-TD9731 Datasheet
1Mb / 16P
Capless 2Vrms to 3Vrms Line Driver with Adjustable Gain
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com